Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2641 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2641
Description  Using the color LCD controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2641 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2641 Datasheet HTML 9Page - STMicroelectronics AN2641 Datasheet HTML 10Page - STMicroelectronics AN2641 Datasheet HTML 11Page - STMicroelectronics AN2641 Datasheet HTML 12Page - STMicroelectronics AN2641 Datasheet HTML 13Page - STMicroelectronics AN2641 Datasheet HTML 14Page - STMicroelectronics AN2641 Datasheet HTML 15Page - STMicroelectronics AN2641 Datasheet HTML 16Page - STMicroelectronics AN2641 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
AN2641
CLCD controller dataflow
Doc ID 14027 Rev 1
13/37
3
CLCD controller dataflow
Packets of pixel-coded data are first stored in memory (frame buffer). Then, they are fed, via
the AHB interface, to dual 16-deep 32 bit-wide DMA FIFO, both of which act as input data
flow buffers. The buffered pixel-coded data is then unpacked via a pixel serializer.
Depending on the LCD type and mode, the unpacked data may represent:
●
an actual true display gray or color value or
●
an address in a 256 x 16 bit wide palette RAM containing a gray or color value
In the case of STN displays, either a palette value or the true value is passed to the gray
scaling generators. The hardware coded gray scale algorithm logic sequences the
addressed pixels activity over a programmed number of frames to provide the effective
display appearance.
For TFT display, either an addressed palette value or true color value is passed directly to
the output display drivers.
Figure 4.
Data flow in CLCD controller
Figure 4 shows the Data Flow in the respective hardware blocks. There are 2 decision
boxes.
First decision box - using the palette RAM:
●
Dependent upon the LCD type and code, the unpacked data may represent:
–
An actual true display gray or color value (16 BPP or higher) or
–
An address to a 256 x 16 bit wide palette RAM gray or color value (1, 2, 4 or 8
BPP)
●
Palette use is linked to display type and mode. A palette is used by:
–
Mono STN displays with 1, 2 or 4 BPP
–
Color STN or TFT displays with 1, 2, 4, 8 BPP
Otherwise, non-palettized true-color is used.
Second decision box - using the grey scaling algorithm:
●
In the case of STN displays, either a palette value or the true value is passed to the
gray scaling generators. The hardware coded grey scale algorithm logic sequences the
FIFO
CTR
UP
DMA
FIFO
LP
DMA
FIFO
PIXEL
SERIALIZER
PALETTE
GREY
SCALING
ALGO
UPPER
PANEL
OUTPUT
FIFO
LOWER
PANEL
OUTPUT
FIFO
STN/TFT
DATA
SELECT
FRAME
BUFFER
LCD
PANEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com