Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2647 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2647
Description  Using the STR91xFA external memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2647 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2647 Datasheet HTML 18Page - STMicroelectronics AN2647 Datasheet HTML 19Page - STMicroelectronics AN2647 Datasheet HTML 20Page - STMicroelectronics AN2647 Datasheet HTML 21Page - STMicroelectronics AN2647 Datasheet HTML 22Page - STMicroelectronics AN2647 Datasheet HTML 23Page - STMicroelectronics AN2647 Datasheet HTML 24Page - STMicroelectronics AN2647 Datasheet HTML 25Page - STMicroelectronics AN2647 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Interfacing with synchronous memory
AN2647
22/34
2.2
Connecting the EMI bus to a PSRAM
The EMI bus operates in 16-bit multiplexed mode. The PSRAM itself has a non-multiplexed
bus interface with separate address and data bus inputs. However, the ADV# signal in the
PSRAM is able to latch the address internally and the address is not required to stay
throughout the bus cycle. The EMI's multiplexed bus takes advantage of this feature, it
drives the address and the ADV# in the address phase of the bus cycle. After the address is
latched by PSRAM, the EMI then drives data out in a write cycle or floats the bus in a read
cycle.
Figure 11. shows the EMI bus connection to a PSRAM. Port 7 drives the non-multiplexed
address A[21:16]. A[23:22] pins are not needed, the P5.1 and P6.0 pins are configured to
drive the chip select signals CS1 and the CRE signal respectively. CRE (Configuration
Register Enable) must be high when the EMI is accessing the configuration registers of the
PSRAM. The CS1 is generated automatically by the EMI when accessing the PSRAM, but
CRE is a software controlled GPIO signal and must be set before you can access the
PSRAM registers. Please note no logic gate is needed in the EMI/PSRAM interface.
Figure 11.
Glue-less" bus interface: connecting the PSRAM to the EMI bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com