Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2647 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2647
Description  Using the STR91xFA external memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2647 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2647 Datasheet HTML 19Page - STMicroelectronics AN2647 Datasheet HTML 20Page - STMicroelectronics AN2647 Datasheet HTML 21Page - STMicroelectronics AN2647 Datasheet HTML 22Page - STMicroelectronics AN2647 Datasheet HTML 23Page - STMicroelectronics AN2647 Datasheet HTML 24Page - STMicroelectronics AN2647 Datasheet HTML 25Page - STMicroelectronics AN2647 Datasheet HTML 26Page - STMicroelectronics AN2647 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
AN2647
Interfacing with synchronous memory
23/34
2.2.1
PSRAM bus operating modes
The MT45W4M supports multiple configurations in Asynchronous mode, Synchronous burst
mode, and Page mode. Page mode requires a non-multiplexed bus connection and is not
compatible with the EMI bus.
In this application note, only the PSRAM configurations that are compatible to the EMI bus
are discussed. The EMI bus supports both the asynchronous and synchronous mode; The
mode can be changed by software on the fly to match the PSRAM bus cycle. Typically,
Synchronous burst mode is recommended for high speed data transfer, while asynchronous
mode is used by the EMI bus to:
– Read or write a single halfword to the PSRAM
– Configure the PSRAM registers
Asynchronous mode
After power up the MT45W4M is default to asynchronous mode. There are variations of
asynchronous mode, the one that the EMI bus can support is the "Asynchronous access
Using ADV". The read bus timing is shown in Figure 12. Please note the address inputs are
latched by the rising edge of ADV# and become "don't care" after the latching. The PSRAM
WAIT# output signal is not used in asynchronous mode and is ignored by the EMI.
Figure 12.
PSRAM asynchronous read using ADV (EMI_ALE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com