Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2657 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2657
Description  An innovative verilog model for predicting
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2657 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2657 Datasheet HTML 1Page - STMicroelectronics AN2657 Datasheet HTML 2Page - STMicroelectronics AN2657 Datasheet HTML 3Page - STMicroelectronics AN2657 Datasheet HTML 4Page - STMicroelectronics AN2657 Datasheet HTML 5Page - STMicroelectronics AN2657 Datasheet HTML 6Page - STMicroelectronics AN2657 Datasheet HTML 7Page - STMicroelectronics AN2657 Datasheet HTML 8Page - STMicroelectronics AN2657 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
November 2007
Rev 1
1/18
AN2657
Application note
An innovative verilog model for predicting
LDMOS DC, small and large signal behavior
Introduction
To reduce the design cycle time and cost for wireless applications it is useful to have models
that can help RF Engineers predict and simulate the behavior of RF power transistors.
Recently, STMicroelectronics has been strongly focused on developing new models for RF
LDMOS power transistors.
The model introduced here is simple in concept, and describes with good approximation
DC, small signal S-parameter and large signal behavior, and could be a starting point for
designers in developing their new applications. This model has been implemented in Agilent
Advanced Design System, in verilog Language, and includes the parasitic elements of the
package, as well as a thermal node which takes self heating effects into account.
In this applicatio note we will briefly describe how to extract the model parameters for the
PD54003L-E device, which is a 3 W - 7.2 V - 500 MHz LDMOS housed in a PowerFLAT
plastic package (5 x 5 mm). As an internally unmatched device, the PD54003L-E can be
used in various portable applications over HF, VHF and UHF frequency bands. At the end of
this note we will validate this new model using ST's DB-54003L-175 demoboard, especially
designed for 2-way portable radio applications using PD54003L-E over the 135-175 MHz
frequency band.
Thanks to their cost effectiveness and high performance, LDMOS devices are widely used
in radio frequency applications, ranging from digital communication infrastructures (cellular
base stations) to low cost portable radios (private mobile radios) commonly known as
walkie-talkies.
www.st.com


Similar Part No. - AN2657

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN265 SILABS-AN265 Datasheet
578Kb / 20P
2ND-GENERATION PROSLIC짰 GUI USER?셎 GUIDE
logo
STMicroelectronics
AN2650 STMICROELECTRONICS-AN2650 Datasheet
691Kb / 26P
L9942 stepper motor driver for bipolar stepper motors
05-Dec-2013
AN2653 STMICROELECTRONICS-AN2653 Datasheet
472Kb / 22P
Operational amplifier stability compensation methods
07-Nov-2007
AN2654 STMICROELECTRONICS-AN2654 Datasheet
800Kb / 26P
CCFL backlight half-bridge topology based on L6574 and STD7NS20
23-May-2008
AN2658 STMICROELECTRONICS-AN2658 Datasheet
189Kb / 23P
Using the analog to digital converter of the STM8S microcontroller
08-Jul-2009
More results

Similar Description - AN2657

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRACV201 IRF-IRACV201 Datasheet
137Kb / 1P
Complete Motion Control Verilog Library Accelerator Verilog Code Development Tool
IRMCV201 IRF-IRMCV201 Datasheet
134Kb / 1P
Complete Motion Control Verilog Library Accelerator Verilog Code Development Tool
logo
Cypress Semiconductor
CY3138 CYPRESS-CY3138 Datasheet
70Kb / 6P
Warp Enterprise??Verilog CPLD Software
logo
Intersil Corporation
AN1556.0 INTERSIL-AN1556.0 Datasheet
875Kb / 10P
Building an Accurate SPICE Model for Low Noise
logo
M.S. Kennedy Corporatio...
MSK130 MSK-MSK130_15 Datasheet
178Kb / 6P
Low Cost Innovative Packaging
logo
Analog Intergrations Co...
AN023 AIC-AN023 Datasheet
201Kb / 6P
An Useful Model for Charge Pump Converter
logo
Vincotech
10-FY07HVA075S5-L985F08 VINCOTECH-10-FY07HVA075S5-L985F08 Datasheet
308Kb / 7P
Innovative H6.5 topology
logo
Littelfuse
00800000 LITTELFUSE-00800000 Datasheet
136Kb / 1P
The NEW BUS Breakaway Connector (IBBC) is an innovative connector for CAN based implement systems
logo
Murata Manufacturing Co...
LXMS31ACNA MURATA-LXMS31ACNA Datasheet
267Kb / 8P
Murata MAGICSTRAP짰 is an innovative RFID module with a wide range of RF features. It incorporates an industry standard IC
logo
Omron Electronics LLC
G3PB-2 OMRON-G3PB-2 Datasheet
1Mb / 15P
Compact, Low-cost Solid State Contactors of an Innovative Construction Ideal for Three-phase Heaters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com