Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2719 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2719
Description  Precision improvement techniques
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2719 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2719 Datasheet HTML 4Page - STMicroelectronics AN2719 Datasheet HTML 5Page - STMicroelectronics AN2719 Datasheet HTML 6Page - STMicroelectronics AN2719 Datasheet HTML 7Page - STMicroelectronics AN2719 Datasheet HTML 8Page - STMicroelectronics AN2719 Datasheet HTML 9Page - STMicroelectronics AN2719 Datasheet HTML 10Page - STMicroelectronics AN2719 Datasheet HTML 11Page - STMicroelectronics AN2719 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ADC errors
AN2719
8/22
2
ADC errors
2.1
Introduction
This chapter lists the main errors which have an effect on A/D conversion accuracy. These
types of error occur in all A/D converters and conversion quality depends on eliminating
them. You can find values for these errors specified in the ADC characteristics section of any
STM8 datasheet. The datasheets also include sections describing sources of error or
methods for minimizing them.
2.2
Linearity errors
2.2.1
Differential nonlinearity
Differential nonlinearity (DNL) shows how far a code is from a neighboring code. The
distance is measured as a change in input voltage magnitude and then converted to LSBs.
The best ADC performance is specified as "no missing codes". This means that if the input
voltage is swept over its range, all output code combinations will appear at the converter
output. A DNL error of <±1LSB guarantees no missing codes. With a DNL equal to -1LSB,
the ADC does not guarantee to have no missing codes. With a DNL greater than -1, the
device has missing codes.
Figure 7.
DNL: no missing codes
Figure 8.
DNL: missing code
Ideal ADC
Real ADC
DNL = - 0.5 LSB
no missing code
ADC output
[code]
110
101
100
011
010
001
000
Input voltage
[V]
Ideal ADC
Real ADC
DNL = - 1.5 LSB
missing code 011
ADC output
[code]
110
101
100
011
010
001
000
Input voltage
[V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com