Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2719 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2719
Description  Precision improvement techniques
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2719 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2719 Datasheet HTML 6Page - STMicroelectronics AN2719 Datasheet HTML 7Page - STMicroelectronics AN2719 Datasheet HTML 8Page - STMicroelectronics AN2719 Datasheet HTML 9Page - STMicroelectronics AN2719 Datasheet HTML 10Page - STMicroelectronics AN2719 Datasheet HTML 11Page - STMicroelectronics AN2719 Datasheet HTML 12Page - STMicroelectronics AN2719 Datasheet HTML 13Page - STMicroelectronics AN2719 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ADC errors
AN2719
10/22
2.5
Hardware design errors
2.5.1
External resistance design error
The input multiplexer has nonzero impedance (Rmpx = max. 1kΩ). Sampling is done by
switch which has also nonzero impedance (Rsw = max. 30kΩ). Both these impedances,
together with the sampling capacitance (Csamp = max. 3pF) and external signal source
resistance (Rext), create a low pass filter. Therefore the external signal source impedance
(Rext) must be designed so that this low pass filter cut-off frequency will be not too low in
relation to the ADC sampling time (Ts = 3 ADC clocks).
Figure 10.
Analog input circuit
If the ADC converter has 10-bit precision (n=10) then the maximum precision is 1/2 LSB
level (0.5/1024 from full range). So the acceptable error caused by charging Csamp through
all resistors is 0.5/1024 (during 3 cycles of fADC clock). Then the maximum resistor value
Rmax=Rext+Rsw+Rmpx is obtained from following equation:
for worst case: fADC = 2 MHz and required 10-bit resolution (n = 10) the maximum serial
resistor is:
and the maximum external resistor is:
The external parasitic PCB and package capacitance must also be taken into account.
Therefore the maximum resistance of external signal source Rext is lower, and in practice
Rext < 20 kΩ is suggested.
R
sw
R
mpx
R
ext
++
() C
samp
⋅
T
s
«
STM8 ADC
SWsamp
Csamp
input
Rext
AIN
error
U
c
U
i
–
()
U
i
-----------------------
=
e
3
f
ADC
-----------
R
max
C
samp
⋅
---------------------------------
–
12
⁄
n
----------
=
=
R
max
3
f
ADC
C
samp
12
⁄
n
----------
⎝⎠
⎛⎞
ln
⋅⋅
------------------------------------------------------------
–
=
R
max
3
210
6
⋅
() 310
12
–
⋅
()
12
⁄
1024
-------------
⎝⎠
⎛⎞
ln
⋅⋅
-----------------------------------------------------------------------------------
–
=
66k
Ω
≅
R
ext
R
max
R
sw
–
R
mpx
–
66
30
–
1
–
35k
Ω
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com