| Electronic Components Datasheet Search |
|
AN2792 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2792 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 12 page ![]() November 2008 Rev 1 1/12 AN2792 Application note STM8A easy programmer 1 Introduction This application note describes the easy programmer which is a low cost solution allowing the content of the STM8A Flash program memory to be updated when the chip is already soldered on the application board. The easy programmer works by calling the functions of the bootloader, an IAP application embedded in the system memory of the device (the ROM memory). Through the bootloader firmware, the device memory can be erased and programmed using one of the standard communication interfaces present on the particular device. The easy programmer interfaces the bootloader using a serial port (USART protocol) with the application board for the upload. Section 2 of this document gives a brief introduction to the STM8A bootloader. Section 3, Section 4, and Section 5 describe the easy programmer procedure and its software and hardware requirements. For further information on the STM8A family features, pinout, electrical characteristics, mechanical data and ordering information, please refer to the STM8A128 Kbyte and STM8A 32 Kbyte datasheets. For more details on the bootloader, please refer to the bootloader user manual (UM0500). All documents are available on st.com. This document, its associated firmware, and other such application notes are written to accompany the STM8S firmware library which is available on st.com. www.st.com |
Similar Part No. - AN2792 |
|
Similar Description - AN2792 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |