| Electronic Components Datasheet Search |
|
AN2792 Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2792 Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 12 page ![]() Software and hardware requirements AN2792 10/12 5.3 Easy programmer board The easy programmer is based on firmware, but, to run the code, a hardware platform must be used where the STM8A microcontroller is interfaced with a USART port, a micro SD memory card and the easy programmer connector (see Section 5.4: Application hardware on page 10). In this application note, the STM8A evaluation board is used as an easy programmer board because all hardware requirements are satisfied. The USART1 is used to transfer the data, the firmware to be downloaded in the application board microcontroller is loaded in the Micro SD memory card (64 Mbytes), and the LCD is used to display messages to control the flow of operations. 5.4 Application hardware The STM8A device must be uploaded with the easy programmer connection so that data can be transferred and stimuli sent. Figure 2 shows the easy programmer connections and Table 3 gives a description of each of the easy programmer signals. Figure 2. Easy programmer connections Table 3. Description of the easy programmer signals Easy programmer STM8A application board Pin name Description Pin name Description RX USART receive TX USART transmit TX USART transmit RX USART receive PH4 Stimulus to write option bytes PORTx/pin External interrupt pin which forces option bytes to be written GND Ground GND Ground Easy programmer STM8A application board PORTx PORTH U S A R T U S A R T RX RX TX TX PH4 GND GND Pin |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |