Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8312 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8312
Description  Boost Controller with Power Factor Correction
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8312 Datasheet(HTML) 2 Page - Linear Technology

  LT8312 Datasheet HTML 1Page - Linear Technology LT8312 Datasheet HTML 2Page - Linear Technology LT8312 Datasheet HTML 3Page - Linear Technology LT8312 Datasheet HTML 4Page - Linear Technology LT8312 Datasheet HTML 5Page - Linear Technology LT8312 Datasheet HTML 6Page - Linear Technology LT8312 Datasheet HTML 7Page - Linear Technology LT8312 Datasheet HTML 8Page - Linear Technology LT8312 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LT8312
2
8312f
For more information www.linear.com/LT8312
pin conFiguraTion
absoluTe MaxiMuM raTings
EN/UVLO...................................................................30V
VIN ............................................................................42V
INTVCC......................................................................18V
FB ...............................................................................3V
VC ...............................................................................5V
VIN(SENSE) ................................................................1mA
OVP.............................................................................4V
SENSE......................................................................0.4V
DCM.......................................................................±3mA
Operating Temperature Range (Note 2)....–40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
1
2
3
4
5
6
7
8
GND
GND
GND
VREF
OVP
VC
GND
GND
16
15
14
13
12
11
10
9
SENSE
GATE
INTVCC
EN/UVLO
VIN
DCM
FB
TOP VIEW
MS PACKAGE
16-LEAD PLASTIC MSOP
VIN_SENSE
θJA = 125°C/W
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8312EMS#PBF
LT8312EMS#TRPBF
8312
16-Lead Plastic MSOP
–40°C to 125°C
LT8312IMS#PBF
LT8312IMS#TRPBF
8312
16-Lead Plastic MSOP
–40°C to 125°C
LT8312HMS#PBF
LT8312HMS#TRPBF
8312
16-Lead Plastic MSOP
–40°C to 150°C
LT8312MPMS#PBF
LT8312MPMS#TRPBF
8312
16-Lead Plastic MSOP
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com