Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8312 Datasheet(PDF) 4 Page - Linear Technology

Part # LT8312
Description  Boost Controller with Power Factor Correction
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8312 Datasheet(HTML) 4 Page - Linear Technology

  LT8312 Datasheet HTML 1Page - Linear Technology LT8312 Datasheet HTML 2Page - Linear Technology LT8312 Datasheet HTML 3Page - Linear Technology LT8312 Datasheet HTML 4Page - Linear Technology LT8312 Datasheet HTML 5Page - Linear Technology LT8312 Datasheet HTML 6Page - Linear Technology LT8312 Datasheet HTML 7Page - Linear Technology LT8312 Datasheet HTML 8Page - Linear Technology LT8312 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LT8312
4
8312f
For more information www.linear.com/LT8312
Typical perForMance characTerisTics
VREF vs Temperature
VREF vs VIN
SENSE Pin Threshold Current
vs Temperature
INTVCC vs Temperature
INTVCC vs VIN
EN/UVLO Threshold
vs Temperature
VIN IQ vs Temperature
Input Voltage Hysteresis Current
vs Temperature
VIN Shunt Voltage vs Temperature
TEMPERATURE (°C)
–50
0
50
75
–25
25
100 125 150
8312 G01
1.2
1.22
1.26
1.24
1.28
1.3
RISING
FALLING
TEMPERATURE (°C)
–50
0
50
75
–25
25
100 125 150
8312 G02
10
10.5
11
11.5
12
TEMPERATURE (°C)
–50
0
50
75
–25
25
100 125 150
8312 G03
0
20
10
30
40
60
50
100
90
80
70
VIN = 12V
VIN = 24V
TEMPERATURE (°C)
–50
1.900
1.925
1.975
2.000
2.025
2.100
2.075
0
50
75
1.950
2.050
–25
25
100 125 150
8312 G04
VIN = 24V WITH NO LOAD
VIN = 24V WITH 200µA LOAD
VIN (V)
10
1.95
1.96
1.98
1.99
2
2.01
2.05
2.03
2.04
1.97
2.02
15
25
20
30
35
40
8312 G05
NO LOAD
200µA LOAD
TEMPERATURE (°C)
–50
0
20
60
80
100
120
0
50
75
40
–25
25
100 125 150
8312 G06
MAX ILIM
TEMPERATURE (°C)
–50
9.5
9.75
10.25
10.5
0
50
75
10
–25
25
100 125 150
8312 G07
25mA LOAD
10mA LOAD
NO LOAD
VIN (V)
5
15
25
30
10
20
35
40
8312 G08
9
9.2
9.4
9.6
9.8
10
10.2
TEMPERATURE (°C)
–50
0
50
75
–25
25
100 125 150
8312 G09
39
39.5
40
40.5
41
41.5
42
ISHUNT = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com