Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1588 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1588
Description  12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1588 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1588 Datasheet HTML 8Page - Linear Technology LTC1588 Datasheet HTML 9Page - Linear Technology LTC1588 Datasheet HTML 10Page - Linear Technology LTC1588 Datasheet HTML 11Page - Linear Technology LTC1588 Datasheet HTML 12Page - Linear Technology LTC1588 Datasheet HTML 13Page - Linear Technology LTC1588 Datasheet HTML 14Page - Linear Technology LTC1588 Datasheet HTML 15Page - Linear Technology LTC1588 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1588/LTC1589/LTC1592
1588992fa
While not directly addressed by the simple equations in
Tables 2 and 3, temperature effects can be handled just as
easily for unipolar and bipolar applications. First, consult
an op amp’s data sheet to find the worst-case VOS and IB
over temperature. Then, plug these numbers in the VOS
and IB equations from Table 3 and calculate the tempera-
ture induced effects.
For applications where fast settling time is important, Appli-
cation Note 74, entitled “
Component and Measurement
Advances Ensure 16-Bit DAC Settling Time,” offers a thor-
ough discussion of 16-bit DAC settling time and op amp
selection.
Precision Voltage Reference Considerations
Much in the same way selecting an operational amplifier
for use with the LTC1592 is critical to the performance of
the system, selecting a precision voltage reference also
requires due diligence. The output voltage of the LTC1592
is directly affected by the voltage reference; thus, any
voltage reference error will appear as a DAC output voltage
error.
There are three primary error sources to consider when
selecting a precision voltage reference for 16-bit applica-
tions: output voltage initial tolerance, output voltage tem-
perature coefficient and output voltage noise.
Initial reference output voltage tolerance, if uncorrected,
generates a full-scale error term. Choosing a reference
APPLICATIO S I FOR ATIO
Table 4. Partial List of LTC Precision Amplifiers Recommended for Use with the LTC1588/LTC1589/LTC1592,
with Relevant Specifications
AMPLIFIER SPECIFICATIONS
VOLTAGE
CURRENT
SLEW
GAIN BANDWIDTH
tSETTLING
POWER
VOS
IB
AOL
NOISE
NOISE
RATE
PRODUCT
with LTC1592
DISSIPATION
AMPLIFIER
µV
nA
V/mV
nV/
√Hz
pA/
√Hz
V/
µs
MHz
µsmW
LT1001
25
2
800
10
0.12
0.25
0.8
120
46
LT1097
50
0.35
1000
14
0.008
0.2
0.7
120
11
LT1112 (Dual)
60
0.25
1500
14
0.008
0.16
0.75
115
10.5/Op Amp
LT1124 (Dual)
70
20
4000
2.7
0.3
4.5
12.5
19
69/Op Amp
LT1468
75
10
5000
5
0.6
22
90
2.5
117
LT1469 (Dual)
125
10
2000
5
0.6
22
90
2.5
123/Op Amp
()
5V
VREF
()
5V
VREF
()
16.5k
AVOL1
OP AMP
VOS1 (mV)
IB1 (nA)
AVOL1 (V/V)
VOS2 (mV)
IB2 (mV)
AVOL2 (V/V)
VOS1 • 2.4 •
IB1 • 0.0003 •
A1 •
0
0
0
INL (LSB)
()
5V
VREF
()
5V
VREF
()
1.5k
AVOL1
()
66k
AVOL2
()
131k
AVOL1
()
131k
AVOL1
()
131k
AVOL2
()
131k
AVOL2
VOS1 • 0.6 •
IB1 • 0.00008 •
A2 •
0
0
0
DNL (LSB)
()
5V
VREF
()
5V
VREF
VOS1 • 13.2 •
IB1 • 0.13 •
0
0
0
0
UNIPOLAR
OFFSET (LSB)
()
5V
VREF
()
5V
VREF
()
5V
VREF
VOS1 • 13.2 •
IB1 • 0.0018 •
A5 •
VOS2 • 26.2 •
IB2 • 0.1 •
BIPOLAR GAIN
ERROR (LSB)
()
5V
VREF
()
5V
VREF
()
()
()
5V
VREF
()
5V
VREF
A3 • VOS1 • 19.8 •
IB1 • 0.01 •
0
A4 • VOS2 • 13.1 •
A4 • IB2 • 0.05 •
A4 •
BIPOLAR ZERO
ERROR (LSB)
UNIPOLAR GAIN
ERROR (LSB)
()
5V
VREF
()
5V
VREF
()
5V
VREF
()
5V
VREF
()
5V
VREF
VOS1 • 13.2 •
IB1 • 0.0018 •
A5 •
VOS2 • 26.2 •
IB2 • 0.1 •
Table 3. Easy-to-Use Equations Determine Op Amp Effects on DAC Accuracy in All Output Ranges
Table 2. Variables for Each Output Range That Adjust the
Equations in Table 3
OUTPUT RANGE
A1
A2
A3
A4
A5
5V
1.1
2
1
10V
2.2
3
1.5
±5V
2
2
1.2
1
1.5
±10V
4
4
1.2
1
2.5
±2.5V
1
1
1.6
1
1
–2.5V to 7.5V
1.9
3
1
0.5
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com