Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1588 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1588
Description  12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1588 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1588 Datasheet HTML 8Page - Linear Technology LTC1588 Datasheet HTML 9Page - Linear Technology LTC1588 Datasheet HTML 10Page - Linear Technology LTC1588 Datasheet HTML 11Page - Linear Technology LTC1588 Datasheet HTML 12Page - Linear Technology LTC1588 Datasheet HTML 13Page - Linear Technology LTC1588 Datasheet HTML 14Page - Linear Technology LTC1588 Datasheet HTML 15Page - Linear Technology LTC1588 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1588/LTC1589/LTC1592
1588992fa
LT/TP 0503 1K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2001
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC1591/LTC1597
Parallel 14-/16-Bit Current Output DACs
On-Chip 4-Quadrant Resistors
LTC1595/LTC1596
Serial 16-Bit Current Output DACs
Low Glitch,
±1LSB Maximum INL, DNL
LTC1599
2-Byte, 16-Bit Current Output DAC
On-Chip 4-Quadrant Resistors
LTC1821
Parallel 16-Bit Voltage Outupt DAC
Precision 16-Bit Settling in 2
µs for 10V Step
LTC2600/LTC2610
Octal 16-/14-/12-Bit DACs
Single Supply,
µPower in Narrow SSOP16
LTC2620
RELATED PARTS
APPLICATIO S I FOR ATIO
–
+
LT1468
–12V
12V
LT1468
12-/14-/16-BIT DAC WITH SPAN ADJUST
LTC1588/LTC1589/LTC1592
RCOM
1
R1
2
VCC
0.1
µF
9
R2
R2
R1
16
ROFS
3
6
10
µF
0.1
µF
0.1
µF
10
µF
7
4
2
5V REF
4
2
8
12V
3
REF
15
RFB
IOUT1
VOUT
4
5V
5
6
6
2
3
IOUT2
AGND
GND
CLR
CS/LD
SCK
SDI
SDO
7
8
14
13
12
11
10
150pF
15pF
1588992 F04
12V
–12V
7
4
0.1
µF AGND
AGND
0.1
µF
10
µF
10
µF
10
µF
+
LT1027-5
A
B
C
D
CLK
ENP
ENT
LD
CLR
14
13
12
11
3
4
5
6
2
7
10
9
1
QA
QB
QC
QD
RCO
GND
5V
15
ISOLATED SDI
ISOLATED SCK
OPTIONAL CIRCUIT FOR 2-WIRE INTERFACE.
FOR A 3-WIRE INTERFACE (SPI), ADD A 3RD
OPTOISOLATOR TO DRIVE CS/LD WITH THE
WAVEFORMS OF FIGURE 1
ISOLATED
CS/LD
74HC161
5
6
2
VCC
SCK
3
R1
7.5k
7
8
5V
HCPL2300
5
6
2
VCC
SDI
TO
µCONTROLLER
3
R2
7.5k
7
8
5V
HCPL2300
Figure 4. Optically Isolated 16-Bit SoftSpan System
C3
C2
C1
C0
X
D2
D1
D0
SCK
SDI
CS/LD
1588992 F05
Figure 5. Timing Diagram for the Circuit of Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com