Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1687 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1687
Description  52Mbps Precision Delay RS485 Fail-Safe Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1687 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1687 Datasheet HTML 3Page - Linear Technology LTC1687 Datasheet HTML 4Page - Linear Technology LTC1687 Datasheet HTML 5Page - Linear Technology LTC1687 Datasheet HTML 6Page - Linear Technology LTC1687 Datasheet HTML 7Page - Linear Technology LTC1687 Datasheet HTML 8Page - Linear Technology LTC1687 Datasheet HTML 9Page - Linear Technology LTC1687 Datasheet HTML 10Page - Linear Technology LTC1687 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1686/LTC1687
SWITCHI G TI E WAVEFOR S
Figure 5. Driver Propagation Delays
D
3V
1.5V
t PLH
t r
tSKEW
1/2 VO
90%
10%
0V
Z
Y
VO
–VO
0V
90%
1.5V
tPHL
tSKEW
1/2 VO
f = 1MHz, t r ≤ 3ns, tf ≤ 3ns
10%
tf
VDIFF = V(Y) – V(Z)
1686/87 F05
VO
1.5V
tZL
2.5V
2.5V
tZH
1.5V
tLZ
0.5V
0.5V
tHZ
f = 1MHz, tr ≤ 3ns, tf ≤ 3ns
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0V
DE
5V
VOL
VOH
0V
Y, Z
Y, Z
1686/87 F06
Figure 6. Driver Enable and Disable Times
2.5V
tPHL
f = 1MHz, tr ≤ 3ns, tf ≤ 3ns
R
–VOD2
A – B
0V
2.5V
t PLH
OUTPUT
INPUT
VOD2
VOL
VOH
1686/87 F07
Figure 7. Receiver Propagation Delays
1.5V
tZL
2.5V
2.5V
tZH
1.5V
tLZ
0.5V
0.5V
tHZ
f = 1MHz, t r ≤ 3ns, tf ≤ 3ns
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0V
RE
5V
0V
R
R
1686/87 F08
Figure 8. Receiver Enable and Disable Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com