Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1687 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1687
Description  52Mbps Precision Delay RS485 Fail-Safe Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1687 Datasheet(HTML) 5 Page - Linear Technology

  LTC1687 Datasheet HTML 1Page - Linear Technology LTC1687 Datasheet HTML 2Page - Linear Technology LTC1687 Datasheet HTML 3Page - Linear Technology LTC1687 Datasheet HTML 4Page - Linear Technology LTC1687 Datasheet HTML 5Page - Linear Technology LTC1687 Datasheet HTML 6Page - Linear Technology LTC1687 Datasheet HTML 7Page - Linear Technology LTC1687 Datasheet HTML 8Page - Linear Technology LTC1687 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1686/LTC1687
TYPICAL PERFORMANCE CHARACTERISTICS
Receiver Propagation Delay
vs Temperature
TEMPERATURE (
°C)
–50
–25
0
10
25
0
50
75
1686/87 G09
5
20
15
25
100
125
Driver Propagation Delay
vs Temperature
TEMPERATURE (
°C)
–20
0
5
10
15
20
25
0
20
40
60
1686/87 G07
80
100
Receiver Maximum Data Rate
vs Input Overdrive
RECEIVER INPUT DIFFERENTIAL (V)
0.3
40
50
70
0.6
1.0
1686/87 G10
30
20
0.4
0.5
0.7
1.5
2.5
10
0
60
TA = 25°C
Driver Propagation Delay
vs Driver Input Voltage
DRIVER INPUT VOLTAGE (V)
2.5
15
20
25
4.5
1686/87 G08
10
5
0
3.0
3.5
4.0
5.0
tLH
VDD = 5V
INPUT THRESHOLD = 1.5V
TA = 25°C
tHL
Driver Propagation Delay
vs Capacitive Load
LOAD CAPACITANCE (pF)
5
16.0
16.5
17.0
17.5
18.0
19.0
15
25
50
75
1686/87 G11
100
150
18.5
TA = 25°C
PIN FUNCTIONS
LTC1686
VDD (Pin 1): Positive Supply, 5V to ±5%. Bypass with
0.1
µF ceramic capacitor.
R (Pin 2): Receiver Output. If A
≥ B by 300mV, then R will
be high. If A
≤ B by 300mV, then R will be low.
D (Pin 3): Driver Input. Controls the states of the Y and Z
outputs. Do not float.
GND (Pin 4): Ground.
Y (Pin 5): Noninverting Driver Output.
Z (Pin 6): Inverting Driver Output.
B (Pin 7): Inverting Receiver Input.
A (Pin 8): Noninverting Receiver Input.
LTC1687
NC (Pins 1, 8, 13): No Connection.
R (Pin 2): Receiver Output. If A
≥ B by 300mV, then R will
be high. If A
≤ B by 300mV, then R will be low.
RE (Pin 3): Receiver Enable. RE = low enables the receiver.
RE = high forces receiver output into high impedance
state. Do not float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com