Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2927 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2927
Description  RC acquisition principle for touch sensing applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2927 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2927 Datasheet HTML 4Page - STMicroelectronics AN2927 Datasheet HTML 5Page - STMicroelectronics AN2927 Datasheet HTML 6Page - STMicroelectronics AN2927 Datasheet HTML 7Page - STMicroelectronics AN2927 Datasheet HTML 8Page - STMicroelectronics AN2927 Datasheet HTML 9Page - STMicroelectronics AN2927 Datasheet HTML 10Page - STMicroelectronics AN2927 Datasheet HTML 11Page - STMicroelectronics AN2927 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Firmware implementation
AN2927
8/12
3.3
Touched effect
The electrode shape and size, the layout from the touch controller device to the electrode
(and more specifically the ground coupling) as well as the dielectric panel material and
thickness are the main parameters that define the value of the electrode capacitance (CX).
As a consequence, the RC charge and discharge values are directly dependant on this CX
value. Figure 8 illustrates this “touched effect”.
The time <t1’> (where the VIH level is reached) is greater than the time <t1>. This is the
same for the VIL level with times t2’ and t2.
Figure 8.
“Touched effect” example
Table 2.
Capacitance charge/discharge measurement steps
Step
Description
1
1.
Load I/O pin is set in Output mode at VDD.
2.
Acq I/O pin is set in Output mode at VDD.
3.
Timer counter VIH start value is saved (vih_start).
2
Acq I/O pin is set in Input mode Hi-Z.
--> The electrode capacitance CX is charging.
3
After the voltage on the Acq I/O pin reaches VIH:
1.
Timer counter VIH stop value is saved (vih_stop) and the VIH measurement is
calculated and saved (vih_stop – vih_start).
2.
Acq I/O pin is set in Output mode at VDD.
3.
Load I/O pin is set in Output mode at GND.
4.
Timer counter VIL start value is saved (vil_start).
4
Acq I/O pin is set in Input mode Hi-Z.
--> The electrode capacitance CX is discharging.
5
After the voltage on the Acq I/O pin reaches VIL:
1.
Timer counter VIL stop value is saved (vil_stop) and the VIL measurement is
calculated and saved (vil_stop – vil_start).
2.
The two measurements “vih_meas” and “vil_meas” are added and saved.
3.
The process continues with Step 1.
t
VIL
VIH
VDD
“Acq I/O” pin
“touched effect”
t2’
t2
t1’
t1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com