| Electronic Components Datasheet Search |
|
AN2927 Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2927 Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 12 page ![]() Firmware implementation AN2927 10/12 Figure 11 shows an example where there is a small amount of noise and some measurements are rejected (i.e. r1 and r2). In this example, the burst group 3 (BG3) is repeated until all measurements within this group pass. More time is required for a complete acquisition. Figure 11. Example 2 Figure 12 shows an example where there is a lot of noise and the maximum limit (i.e. 20) is reached. In this case, the complete electrode acquisition is rejected. In this example, the maximum number of rejected measurements is reached and the acquisition is stopped on that electrode. Figure 12. Example 3 Note: The maximum number of rejected measurements is set in the configuration file of the ST touch sensing library. Calculation of Min/Max limits These two limits are calculated by applying a multiplication coefficient to the first VIH/VIL measurement of each burst group. This multiplication factor is set inside the configuration file of the ST touch sensing library. As a consequence the first VIH/VIL measurements of each burst group is always “Pass”. In case the first measurement is “incorrect”, and the consecutive ones are “correct”, the burst group will still be determined “Fail”. Acquisition OK BG1 Pass BG3 Fail BG2 Pass BG4 Pass BG3 Fail BG3 Pass Remaining measurements are skipped r1 r2 Start Acquisition stopped BG1 Pass BG2 Fail BG2 Fail BG3 Fail (max.) BG2 Pass BG3 Fail Start r1 r2 r3 r21 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |