Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3050 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3050
Description  STBP120 overvoltage protection device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3050 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3050 Datasheet HTML 3Page - STMicroelectronics AN3050 Datasheet HTML 4Page - STMicroelectronics AN3050 Datasheet HTML 5Page - STMicroelectronics AN3050 Datasheet HTML 6Page - STMicroelectronics AN3050 Datasheet HTML 7Page - STMicroelectronics AN3050 Datasheet HTML 8Page - STMicroelectronics AN3050 Datasheet HTML 9Page - STMicroelectronics AN3050 Datasheet HTML 10Page - STMicroelectronics AN3050 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AN3050
Powering peripherals
Doc ID 16207 Rev 1
7/18
4
Powering peripherals
In many applications, it is desirable to power external peripherals attached to the system
connector. Proper voltage for these peripheral devices is usually generated by a DC/DC
converter supplied by the battery (see Figure 2). This converter is enabled by the controller
when power for the peripheral is requested. The output of the converter is connected to the
output of the OVP device.
In the internal structure of STBP120 MOSFET, a diode (called reverse diode or body diode)
between OUT and IN is present. This diode allows the convertor output voltage (decreased
by the diode forward voltage drop, ca. 0.6 V) to appear at the STBP120 input. If this voltage
is higher than the STBP120 undervoltage (UVLO) threshold, the MOSFET is turned on and
the voltage drop across the STBP120 is reduced to a very small value, given by the
STBP120 RDS(on) and peripheral current consumption.
Note:
For safety reasons, the charger IC used should NOT allow the reverse current (i.e. it should
NOT contain the body diode between its output and input) to prevent the battery pack
voltage from appearing on the system connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com