Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3050 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3050
Description  STBP120 overvoltage protection device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3050 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3050 Datasheet HTML 1Page - STMicroelectronics AN3050 Datasheet HTML 2Page - STMicroelectronics AN3050 Datasheet HTML 3Page - STMicroelectronics AN3050 Datasheet HTML 4Page - STMicroelectronics AN3050 Datasheet HTML 5Page - STMicroelectronics AN3050 Datasheet HTML 6Page - STMicroelectronics AN3050 Datasheet HTML 7Page - STMicroelectronics AN3050 Datasheet HTML 8Page - STMicroelectronics AN3050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
List of figures
AN3050
4/18
Doc ID 16207 Rev 1
List of figures
Figure 1.
STBP120 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
Typical application circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
STBP120 turn-off delay . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.
Startup into overvoltage condition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 5.
Startup delays . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 6.
Typical STBP120 soft-start performance, CLoad = 22 µF . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 7.
Typical STBP120 soft-start performance, CLoad = 47 µF . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 8.
Typical STBP120 soft-start performance, CLoad = 100 µF . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 9.
Pin to pin compatibility of the STBP120 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 10.
Example of PCB layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com