Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3100 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3100
Description  Configuring the SPEAr3xx multi-port memory controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3100 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3100 Datasheet HTML 9Page - STMicroelectronics AN3100 Datasheet HTML 10Page - STMicroelectronics AN3100 Datasheet HTML 11Page - STMicroelectronics AN3100 Datasheet HTML 12Page - STMicroelectronics AN3100 Datasheet HTML 13Page - STMicroelectronics AN3100 Datasheet HTML 14Page - STMicroelectronics AN3100 Datasheet HTML 15Page - STMicroelectronics AN3100 Datasheet HTML 16Page - STMicroelectronics AN3100 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AN3100
DDR controller delay lines tuning
Doc ID 16606 Rev 2
13/24
5
DDR controller delay lines tuning
There are certain JEDEC timing requirements for DDR signals on the memory part side for
writes and at the controller side for reads. All DRAM and memory controller manufacturers
follow these timing specifications for reliable data read/write. Because of PCB properties (for
example, track lengths, impedance, device Substrate, memory loading, etc), it is necessary
to tune these signals/parameters in order to be in accordance with the specifications and
maximize the specifications margin for the signals at DRAM and memory controller side.
This tuning can be done by delaying/shifting the signals (DQS and data) with respect to
each other and the core clock.
5.1
Reading from DRAM
DDR (dual data rate) memories send a data strobe (DQS) signal coincident with the read
data so that the read data can be reliably captured by the memory controller. The edges of
this strobe are aligned with the data output by the DRAM devices. The paths for the data
and the associated data strobe signals should be routed with the same length between the
capture logic and the DRAM devices, allowing the rising and falling edges of the data strobe
to arrive at the capture logic at the same time the data is in transition. However, the raw data
strobe signal cannot be used as a clock to capture the data, since the data will not be stable
when the data strobe edges are rising and falling. Instead, a delayed version of the data
strobe signal must be used to capture the data. The delay added to the data strobe signals
should be such that the margin to capture the read data is maximized. Because the
frequency of the data strobe signal is matched to the system clock, the delay is a relative
number based on the period of the system clock.
On SPEAr devices, this delay is managed by dll_dqs_delay_1 and dll_dqs_delay_0
parameters (MPMC_Register_39, at offset 0x9C from base address of MPMC) respectively
for upper 8 bits and lower 8 bits of the memory datapath.
5.2
Writing to DRAM
DDR memories require that the DQS data strobe arrives at the DDR within a certain window
around the clock. This value (tdqss) is specified in fractions of a clock cycle. Most DRAM
devices specify this value between +/- 0.25 and 0.2 of a clock cycle. This translates to a
valid window of between 0.5 and 0.4 of a clock cycle.
The DRAM devices expect the data strobe signal to be shifted by the memory controller in
order to allow the DRAM the maximum margin for capturing the data with the data strobe
signal sent to the DRAM devices from the memory controller.
The DLL maintains two delay lines for sending write data and the write data strobe. The first
delay line delays the main clock so that the write data strobe transition reaches the DRAM
as synchronously as possible with the clock edge under typical operating conditions. The
second delay line adjusts the clock that is used to output the write data. This clock should be
adjusted to maximize the setup and hold requirements around the write strobe.
Both the DQS (for write) and Data (DQ) signals from the SPEAr device are controlled by the
programmable parameters dqs_out_shift (MPMC_Register_40, at offset 0xA0 from base
address of MPMC) and wr_dqs_shift (MPMC_Register 41, at offset 0xA4 from base address
of MPMC). These two parameters for writes are valid for both bytes that constitute the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com