Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3100 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3100
Description  Configuring the SPEAr3xx multi-port memory controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3100 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3100 Datasheet HTML 1Page - STMicroelectronics AN3100 Datasheet HTML 2Page - STMicroelectronics AN3100 Datasheet HTML 3Page - STMicroelectronics AN3100 Datasheet HTML 4Page - STMicroelectronics AN3100 Datasheet HTML 5Page - STMicroelectronics AN3100 Datasheet HTML 6Page - STMicroelectronics AN3100 Datasheet HTML 7Page - STMicroelectronics AN3100 Datasheet HTML 8Page - STMicroelectronics AN3100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AN3100
DDR overview
Doc ID 16606 Rev 2
5/24
2
DDR overview
2.1
DDR2 vs. DDR1
DDR1 and DDR2 memory modules are widely used in desktop PCs. Their full name is DDR
(double data rate) SDRAM (synchronous DRAM), which is a variant of dynamic RAM.
Dynamic RAM differs from static RAM because the former, constituted by both transistors
and capacitors, requires constant refreshing to restore the values in the capacitors while the
latter, constituted only by transistors, does not require refreshing, resulting in much higher
performance. However, SRAMs are much more expensive than DRAMs.
Going back to SDRAM, this type of memory utilizes a synchronous interface: this means
that it waits for a clock pulse to transfer data, and thus it is synchronized with the system bus
and the processor. SDRAM transfers one bit (per data line) of data per clock cycle.
DDR SDRAM technology doubles the bandwidth of SDRAM under optimal conditions. In
fact, SDRAM transfers data on every clock cycle (to be specific, on the rising edge of every
clock cycle), while DDR transfers data on both the rising and the falling edge of a clock
cycle. Therefore, two bits (per data line) are transferred on every clock cycle. In order to do
this, two bits are accessed from the memory array (where data is actually stored) for each
data line on every clock cycle, this process is called the “2-bit prefetch”. In this way, the
interface’s clock speed remains constant, but the data bus effectively doubles in frequency.
The figure below shows a simple DDR1 SDRAM architecture example.
Figure 2.
DDR1 SDRAM architecture
In general, a DRAM (non synchronous) address is presented in two parts: a row and a
column address. The row and the column are multiplexed on the same set of address pins
(DDR_MEM_ADDR [14:0] with reference to SPEAr3xx pins) to reduce package, size and
cost. First, the row address is loaded, or strobed, into the row address latch via the row
address strobe, or RAS, followed by the column address with the column address strobe, or
CAS. The Read data propagate to the output after a specified access time. Write data are
presented at the same time as the column address, because it is the column strobe that
actually triggers the transaction, whether read or write. The SDRAM internal state logic
operates on discrete commands that are presented to it. The signals RAS and CAS
(DDR_MEM_RAS and DDR_MEM_CAS, SPEAr3xx pins) are still present, but they function
as part of other control signals to form commands rather than simple strobes.
Most of the input signals to the state logic shown in Figure 2 combine to form the discrete
commands listed in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com