Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3101 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3101
Description  internal RC oscillator calibration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3101 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3101 Datasheet HTML 2Page - STMicroelectronics AN3101 Datasheet HTML 3Page - STMicroelectronics AN3101 Datasheet HTML 4Page - STMicroelectronics AN3101 Datasheet HTML 5Page - STMicroelectronics AN3101 Datasheet HTML 6Page - STMicroelectronics AN3101 Datasheet HTML 7Page - STMicroelectronics AN3101 Datasheet HTML 8Page - STMicroelectronics AN3101 Datasheet HTML 9Page - STMicroelectronics AN3101 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
High speed internal oscillator calibration
AN3101
6/24
DocID16612 Rev 6
2
High speed internal oscillator calibration
HSI oscillator frequencies may vary from one chip to another due to manufacturing process
variations. For this reason, each device is factory-calibrated by ST to have a 1% accuracy at
TA = 25 °C. After reset, the factory calibration value is automatically loaded in an internal
calibration HSICALR register.
The frequency of the HSI RC oscillator can be trimmed to achieve a better accuracy with
wider temperature and supply voltage ranges, the HSITRIMR register is used for this
purpose.
To modify the content of the HSITRMR register the access has to be granted by
successfully unlocking the write protection mechanism which consists of two consecutive
write accesses to the HSIUNLCKR register, the first one with the value 0xAC and the
second one with the value 0x35. This must be immediately followed by a write access to the
HSITRIM register. Once this register is configured, its value is used instead of the HSICALR
register values.
The HSI oscillator frequency increases monotonically with the increasing values in the
HSITRIMR register as long as the trimming value changes in the low nibble (4-bits). Any
change to the HSITRIMR value in the high nibble can cause a non-monotonicity in the graph
of the trimming function resulting in a sawtooth shape, as exemplified in Figure 1.
Figure 1. Example of HSI oscillator trimming characteristics
The maximum HSI frequency variation due to the temperature and/or voltage drift is 16 MHz
+ 3%, that is, 16 MHz + 480 kHz. Please, refer to the datasheet.
8 trimming steps (each of about 64 kHz) are required to compensate for this variation and
the upper trimming threshold is therefore required to be HSICALR + 8.
The minimum HSI frequency variation due to the temperature and/or voltage drift is 16 MHz
- 4.5%, that is 16 MHz - 720 kHz. To be able to compensate for this variation, 12 trimming
steps (each of about 64 kHz) are required to compensate for this variation and the lower
trimming threshold must be HSICALR -12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com