Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3101 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3101
Description  internal RC oscillator calibration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3101 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3101 Datasheet HTML 1Page - STMicroelectronics AN3101 Datasheet HTML 2Page - STMicroelectronics AN3101 Datasheet HTML 3Page - STMicroelectronics AN3101 Datasheet HTML 4Page - STMicroelectronics AN3101 Datasheet HTML 5Page - STMicroelectronics AN3101 Datasheet HTML 6Page - STMicroelectronics AN3101 Datasheet HTML 7Page - STMicroelectronics AN3101 Datasheet HTML 8Page - STMicroelectronics AN3101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
January 2015
DocID16612 Rev 6
1/24
1
AN3101
Application note
STM8L05xxx/15xxx, STM8L162xx and STM8AL31xx/3Lxx
internal RC oscillator calibration
Introduction
The STM8L05xxx/15xxx, STM8L162xx and STM8AL31xx/3Lxx microcontrollers offer the
possibility of using internal RC oscillators HSI (High-speed internal factory trimmed
oscillator of 16 MHz, typically) or LSI (Low-speed internal low-consumption oscillator of
38 kHz, typically) as clock sources.
The operating temperature and voltage have an impact on RC accuracy. At 3 V and 25 °C,
the HSI has an accuracy of ±1% typically, but in the full temperature and voltage ranges, the
accuracy of the HSI frequency decreases to -5% / +5% (STM8L05xxx), -4.5% / +3%
(STM8L15xxx and STM8L162xx) and -4% / +4% (STM8AL31xx/3Lxx).
To compensate for the influence of temperature and voltage on internal RC oscillator
accuracy, the STM8L05xxx/15xxx, STM8L162xx and STM8AL31xx/3Lxx microcontrollers
provide the capability of calibrating the HSI clock and of measuring the LSI clock.
This application note gives two methods of calibrating the HSI internal RC oscillator. The
first method is based on finding the frequency with the minimum error and the second one
consists in finding the maximum allowed frequency error. Both are implemented by
providing an accurate reference source.
The measurement of the LSI clock is performed by connecting the LSI oscillator to a timer
input capture. Depending on the measured value, peripheral registers are updated to meet
user requirements.
This application note applies to the products listed in Table 1.
Table 1. Applicable products
Type
Product lines
Microcontrollers
– STM8L051/052 Value Line
– STM8L151/152
– STM8L162
– STM8AL31
– STM8AL3L
www.st.com


Similar Part No. - AN3101

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
AN310 EXTECH-AN310 Datasheet
398Kb / 1P
AN300 Series Large Vane CFM/CMM Thermo-Anemometers
logo
Freescale Semiconductor...
AN3100 FREESCALE-AN3100 Datasheet
64Kb / 4P
General Purpose Amplifier Biasing
logo
STMicroelectronics
AN3100 STMICROELECTRONICS-AN3100 Datasheet
308Kb / 24P
Configuring the SPEAr3xx multi-port memory controller
12-Mar-2012
AN3105 STMICROELECTRONICS-AN3105 Datasheet
3Mb / 30P
lighting applications
28-Sep-2012
AN3106 STMICROELECTRONICS-AN3106 Datasheet
1Mb / 34P
The use and growing popularity of LEDS, thanks to their high efficiency
28-Sep-2012
More results

Similar Description - AN3101

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1555 MICREL-MIC1555 Datasheet
166Kb / 8P
IttyBitty??RC Timer / Oscillator
MIC3001 MICREL-MIC3001 Datasheet
357Kb / 74P
SFP Management IC with Internal Calibration
MIC1555 MICREL-MIC1555_10 Datasheet
164Kb / 10P
IttyBitty RC Timer / Oscillator
MIC3003GFL MICREL-MIC3003GFL Datasheet
752Kb / 74P
FOM Management IC with Internal Calibration
logo
STMicroelectronics
AN1530 STMICROELECTRONICS-AN1530 Datasheet
75Kb / 12P
ACCURATE TIMEBASE FOR LOW-COST ST7 APPLICATIONS WITH INTERNAL RC OSCILLATOR
07-Jan-2002
AN2822 STMICROELECTRONICS-AN2822 Datasheet
200Kb / 19P
STM8S and STM8A high speed internal oscillator calibration
31-Aug-2011
AN4631 STMICROELECTRONICS-AN4631 Datasheet
582Kb / 30P
How to calibrate an STM32L0xx internal RC oscillator
28-Apr-2015
logo
IK Semicon Co., Ltd
BT8028-XX IKSEMICON-BT8028-XX Datasheet
203Kb / 6P
RC oscillator on chip
BT8031-XX IKSEMICON-BT8031-XX Datasheet
269Kb / 3P
RC oscillator on chip
logo
Micrel Semiconductor
MIC1555 MICREL-MIC1555_15 Datasheet
947Kb / 18P
IttyBitty짰 RC Timer/Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com