Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3143 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3143
Description  Audio software codec for the STM8S
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3143 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3143 Datasheet HTML 4Page - STMicroelectronics AN3143 Datasheet HTML 5Page - STMicroelectronics AN3143 Datasheet HTML 6Page - STMicroelectronics AN3143 Datasheet HTML 7Page - STMicroelectronics AN3143 Datasheet HTML 8Page - STMicroelectronics AN3143 Datasheet HTML 9Page - STMicroelectronics AN3143 Datasheet HTML 10Page - STMicroelectronics AN3143 Datasheet HTML 11Page - STMicroelectronics AN3143 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Audio data encoding and storing
AN3143
8/13
Doc ID 17011 Rev 1
2.2
External memory used for audio data storing
The micro SD card is used for demonstration purposes in this application note for storing
audio bitstreams. Any other external memory with an interface that is supported by STM8S
can be used instead.
The SD card can be accessed immediately by the operating system if it is formatted by a
supported file system i.e. File Allocation Table (FAT) filing system. If the SD card is FAT
formatted, the microcontroller firmware must also support the FAT file system. Unfortunately,
FAT implementation on an 8-bit microcontroller uses too many resources and the footprint is
too large for a low-cost oriented microcontroller application. Moreover, it is usually not
needed as the audio content of the card is often changed only once. A more convenient way
of putting audio data on the SD card is to use specific software which has an embedded
driver that bypasses the operation and file system drivers, therby allowing direct SD card
access.
A hex editor with such direct access feature can be used for modification of the unformatted
SD card content. One of the available and tested hex editors can be found in Maël Hörz (see
Section 5).
When the compressed ADPCM data is written to the SD card the MCU firmware can directly
read the compressed data samples from the SD card sector by sector. The standard SD
card has fixed sector size of 512 Bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com