Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3143 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3143
Description  Audio software codec for the STM8S
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3143 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3143 Datasheet HTML 1Page - STMicroelectronics AN3143 Datasheet HTML 2Page - STMicroelectronics AN3143 Datasheet HTML 3Page - STMicroelectronics AN3143 Datasheet HTML 4Page - STMicroelectronics AN3143 Datasheet HTML 5Page - STMicroelectronics AN3143 Datasheet HTML 6Page - STMicroelectronics AN3143 Datasheet HTML 7Page - STMicroelectronics AN3143 Datasheet HTML 8Page - STMicroelectronics AN3143 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
March 2010
Doc ID 17011 Rev 1
1/13
AN3143
Application note
Audio software codec for the STM8S
Introduction
This application note describes a simple and easy-to-use solution to help design and
develop products with an audio output, for example, toys, white goods, washing machines,
and alarms.
Audio data generally require the storage of a lot of memory. However, the memory space
needed to preserve such data can be reduced by compressing the audio data via a
specified compression method. Processing these data is a complex task requiring powerful
microcontrollers such as DSP or audio chip. Usually, 8-bit microcontrolles do not offer either
a large memory or a high computing performance.
The software solution offered in this application note reconstructs audio signals from
compressed samples. A simple audio codec based on an adaptive differential pulse coded
modulation (ADPCM) algorithm is used and advantage is taken of the advanced STM8S
core with its 3-staged pipeline and 16 or 24 MIPS peak performance.
The digital samples are usually converted to an analog signal by some external or onchip
digital-to-analog converter (DAC). There are a lot of applications where the high fidelity
audio output is not a priority and/or the use of an external DAC is not a suitable cost-
effective solution for 8-bit microcontrollers. To reduce costs and to offer a good quality audio,
an ideal solution is to generate an audio signal using pulse width modulation (PWM).
The example firmware and application hardware design are provided with this application
note to enable easy porting of the offered solution to the final application.
www.st.com


Similar Part No. - AN3143

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
AN314 CIRRUS-AN314 Datasheet
339Kb / 10P
Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
REV1 AUG 2007
logo
STMicroelectronics
AN3140 STMICROELECTRONICS-AN3140 Datasheet
272Kb / 14P
How to configure the SPEAr3xx general purpose timers
03-May-2010
AN3141 STMICROELECTRONICS-AN3141 Datasheet
344Kb / 14P
LC filters for mobile phone LCD and camera links
16-Sep-2010
AN3142 STMICROELECTRONICS-AN3142 Datasheet
841Kb / 44P
Solution for designing a 400 W fixed-off-time controlled
09-Feb-2011
AN3147 STMICROELECTRONICS-AN3147 Datasheet
376Kb / 25P
Power management in STM8L and STM8AL
01-Aug-2013
More results

Similar Description - AN3143

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
logo
Analog Devices
ADAV801 AD-ADAV801 Datasheet
1Mb / 56P
Audio Codec for Recordable DVD
7/04-Revision 0
ADAV803 AD-ADAV803 Datasheet
906Kb / 56P
Audio Codec for Recordable DVD
7/04-Revision 0
logo
STMicroelectronics
STEVAL-ICB008V1 STMICROELECTRONICS-STEVAL-ICB008V1 Datasheet
136Kb / 6P
Touch-sensing software library demonstration board based on the STM8S
18-Nov-2010
logo
Analog Devices
ADAV801 AD-ADAV801_15 Datasheet
1Mb / 60P
Audio Codec for Recordable DVD
REV. A
ADAV803 AD-ADAV803_15 Datasheet
1Mb / 60P
Audio Codec for Recordable DVD
REV. A
logo
STMicroelectronics
AN3225 STMICROELECTRONICS-AN3225 Datasheet
263Kb / 13P
Audio software codec
06-Nov-2012
AN3265 STMICROELECTRONICS-AN3265 Datasheet
218Kb / 19P
Handling hardware and software failures with the STM8S-DISCOVERY
17-Dec-2010
logo
Analog Devices
ADAV801 AD-ADAV801_17 Datasheet
853Kb / 61P
Audio Codec for Recordable DVD
Rev. A
ADAV803 AD-ADAV803_17 Datasheet
859Kb / 61P
Audio Codec for Recordable DVD
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com