Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3178 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3178
Description  Using a surface-mount inductor as an M24LRxx antenna
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3178 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3178 Datasheet HTML 2Page - STMicroelectronics AN3178 Datasheet HTML 3Page - STMicroelectronics AN3178 Datasheet HTML 4Page - STMicroelectronics AN3178 Datasheet HTML 5Page - STMicroelectronics AN3178 Datasheet HTML 6Page - STMicroelectronics AN3178 Datasheet HTML 7Page - STMicroelectronics AN3178 Datasheet HTML 8Page - STMicroelectronics AN3178 Datasheet HTML 9Page - STMicroelectronics AN3178 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ANT3-M24LR-A reference design
AN3178
6/11
Doc ID 17256 Rev 2
4
ANT3-M24LR-A reference design
ANT3-M24LR-A is a reference design proposed by ST as an example of using an external
inductor.
The M24LR64-RMN6T/2 IC is installed on the ANT3-M24LR-A board. The external
inductor's inductance value is 4.7 µH, and no external tuning capacitor is installed.
Please contact your local sales and marketing office for further information about this
reference design.
Figure 3.
LINDUCTOR = 4.7 µH - diameter = 4.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com