Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3178 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3178
Description  Using a surface-mount inductor as an M24LRxx antenna
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3178 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3178 Datasheet HTML 1Page - STMicroelectronics AN3178 Datasheet HTML 2Page - STMicroelectronics AN3178 Datasheet HTML 3Page - STMicroelectronics AN3178 Datasheet HTML 4Page - STMicroelectronics AN3178 Datasheet HTML 5Page - STMicroelectronics AN3178 Datasheet HTML 6Page - STMicroelectronics AN3178 Datasheet HTML 7Page - STMicroelectronics AN3178 Datasheet HTML 8Page - STMicroelectronics AN3178 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
July 2011
Doc ID 17256 Rev 2
1/11
AN3178
Application note
Using a surface-mount inductor
as an M24LRxx antenna
Introduction
The M24LRxx ICs are a family of Dual Interface EEPROMs from STMicroelectronics. Each
EEPROM IC can be accessed as a single memory bank via a wired or RF interface.
The RF interface:
●
Is based on a passive RFID technology supporting the ISO15693 standard.
●
Communicates with ISO15693 RF systems (called RFID readers),
●
Does not require any on-board power to operate. Both energy and data are received
from the RFID reader.
In order for the RF interface of the IC to operate, an inductive antenna is required. This
antenna must be connected to the IC RF port.
There are three different methods for implementing an inductive antenna.
1.
On-board etched antenna: this method consists of designing an on-board inductive
antenna etched on the PCB itself. It allows for a wide range of antenna sizes but has a
cost in terms of PCB real estate. Refer to he application note AN2972 Designing an
antenna for the M24LR64 dual interface I²C/RFID device for guidance. ST also
provides antenna templates in Gerber format.
2.
Off-board antenna module: this method consists of using an external antenna,
connected to the M24LR64, and to the main PCB through an I²C connector. This allows
for a larger antenna, resulting in a greater read range. The off-board antenna can be
made of:
a)
A daughter board using simple PCB technology
b)
A flexible antenna, equipped with an M24LRxx device and a wired I²C connection.
3.
External surface-mount inductor: this consists of connecting an external inductor to
the M24LRxx. This can have a small footprint and requires no design effort, but it has a
reduced read range.
This application note provides guidelines for the third option: using an external surface-
mount inductor as an RF antenna for M24LRxx ICs.
www.st.com


Similar Part No. - AN3178

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN317 STMICROELECTRONICS-AN317 Datasheet
47Kb / 3P
PROTECTION BY TRANSIL HOW TO ENSURE ABSOLUTE SAFETY
AN3171 STMICROELECTRONICS-AN3171 Datasheet
141Kb / 14P
The purpose of this application
08-Mar-2010
AN3172 STMICROELECTRONICS-AN3172 Datasheet
1Mb / 31P
This application note describes the performance of a 90 W
14-Dec-2010
More results

Similar Description - AN3178

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN669 MICROCHIP-AN669 Datasheet
132Kb / 7P
Embedding Assembly Routines into C Language Using a Floating Point Routine as an Example
1997 - 2002
logo
Silicon Laboratories
AN123 SILABS-AN123 Datasheet
258Kb / 16P
USING THE DAC AS A FUNCTION GENERATOR
logo
Texas Instruments
SNOA565 TI1-SNOA565 Datasheet
1Mb / 13P
AN-2177 Using the LMH6554 as a ADC Driver
logo
STMicroelectronics
AN2421 STMICROELECTRONICS-AN2421 Datasheet
79Kb / 6P
Using the STMPE801 as a keypad controller
20-Nov-2006
AN2972 STMICROELECTRONICS-AN2972 Datasheet
1Mb / 25P
Designing an antenna for the M24LRxx-R
21-Dec-2012
logo
XFMRS Inc.
XF0076S5 XFMRS-XF0076S5_15 Datasheet
62Kb / 1P
SURFACE MOUNT INDUCTOR
XF0106S6 XFMRS-XF0106S6_15 Datasheet
47Kb / 1P
SURFACE MOUNT INDUCTOR
logo
Pulse A Technitrol Comp...
W3796 PULSE-W3796 Datasheet
1Mb / 14P
LTE Surface Mount ANTENNA
logo
Laird Tech Smart Techno...
D-PUCK LSTD-D-PUCK Datasheet
801Kb / 1P
Internal Antenna Surface Mount
logo
Murata Manufacturing Co...
LXDC2XQ MURATA-LXDC2XQ Datasheet
1Mb / 25P
Low EMI noise using an inductor-embedded ferrite substrate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com