Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1772 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1772
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772 Datasheet(HTML) 1 Page - Linear Technology

  LTC1772 Datasheet HTML 1Page - Linear Technology LTC1772 Datasheet HTML 2Page - Linear Technology LTC1772 Datasheet HTML 3Page - Linear Technology LTC1772 Datasheet HTML 4Page - Linear Technology LTC1772 Datasheet HTML 5Page - Linear Technology LTC1772 Datasheet HTML 6Page - Linear Technology LTC1772 Datasheet HTML 7Page - Linear Technology LTC1772 Datasheet HTML 8Page - Linear Technology LTC1772 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1772
1772fb
Constant Frequency
Current Mode Step-Down
DC/DC Controller in SOT-23
The LTC
®1772 is a constant frequency current mode step-
down DC/DC controller providing excellent AC and DC load
and line regulation. The device incorporates an accurate
undervoltage lockout feature that shuts down the LTC1772
when the input voltage falls below 2.0V.
The LTC1772 provides a
±2.5% output voltage accuracy
and consumes only 270
µA of quiescent current. For
applications where efficiency is a prime consideration, the
LTC1772 is configured for Burst Mode operation, which
enhances efficiency at low output current.
To further maximize the life of a battery source, the
external P-channel MOSFET is turned on continuously in
dropout (100%dutycycle).In shutdown, the device draws
a mere 8
µA. High constant operating frequency of 550kHz
allows the use of a small external inductor.
The LTC1772 is available in a small footprint 6-lead
SOT-23.
One or Two Lithium-Ion-Powered Applications
Cellular Telephones
Wireless Modems
Portable Computers
Distributed 3.3V, 2.5V or 1.8V Power Systems
Scanners
High Efficiency: Up to 94%
High Output Currents Easily Achieved
Wide VIN Range: 2.5V to 9.8V
Constant Frequency 550kHz Operation
Burst Mode
® Operation at Light Load
Low Dropout: 100% Duty Cycle
Tiny 6-Lead SOT-23 Package
0.8V Reference Allows Low Output Voltages
Current Mode Operation for Excellent Line and Load
Transient Response
Low Quiescent Current: 270
µA
Shutdown Mode Draws Only 8
µA Supply Current
±2.5% Reference Accuracy
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Figure 1. High Efficiency, High Output Current 2.5V/2A Regulator
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
ITH/RUN
LTC1772
10k
R1
0.03
174k
80.6k
L1
4.7
µH
M1
D1
220pF
C1: TAIYO YUDEN LMK325BJ106K-T
C2A: SANYO 6TPA47M
C2B: AVX 0805ZC105KAT1A
D1: MOTOROLA MBRM120T3
L1: MURATA LQN6C-4R7
M1: FAIRCHILD FDC638P
R1: IRC LRC-LR1206-01-R030F
GND
VFB
6
5
4
1772 F01a
1
2
3
PGATE
VIN
SENSE
C1
10
µF
10V
C2B
1
µF
10V
VIN
2.5V
TO 9.8V
VOUT
2.5V
2A
C2A
47
µF
6V
+
LOAD CURRENT (mA)
100
90
80
70
60
50
40
100
1000
10000
10
1
VOUT = 2.5V
VIN = 6V
1772 F01b
VIN = 8.4V
VIN = 9.8V
VIN = 3.3V
VIN = 4.2V
Efficiency vs Load Current


Similar Part No. - LTC1772

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1772 LINER-LTC1772 Datasheet
188Kb / 16P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772 LINER-LTC1772 Datasheet
167Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772 LINER-LTC1772 Datasheet
254Kb / 24P
Wide Operating Range, No RSENSE Step-Down Controller
LTC1772B LINER-LTC1772B Datasheet
196Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B Datasheet
228Kb / 16P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
More results

Similar Description - LTC1772

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1772 LINER-LTC1772 Datasheet
188Kb / 16P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1872 LINER-LTC1872 Datasheet
182Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
LTC1874 LINER-LTC1874 Datasheet
180Kb / 12P
Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LTC1772B LINER-LTC1772B Datasheet
196Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
logo
Analog Devices
ADP1864 AD-ADP1864 Datasheet
264Kb / 16P
Constant Frequency Current-Mode Step-Down DC/DC Controller in TSOT
10/05-Revision 0
logo
Linear Technology
LTC1772 LINER-LTC1772_1 Datasheet
167Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B_1 Datasheet
228Kb / 16P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1872 LINER-LTC1872_15 Datasheet
193Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
LTC1874 LINER-LTC1874_15 Datasheet
191Kb / 12P
Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LTC1772B LINER-LTC1772B_15 Datasheet
226Kb / 16P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com