Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1772 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1772
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772 Datasheet(HTML) 4 Page - Linear Technology

  LTC1772 Datasheet HTML 1Page - Linear Technology LTC1772 Datasheet HTML 2Page - Linear Technology LTC1772 Datasheet HTML 3Page - Linear Technology LTC1772 Datasheet HTML 4Page - Linear Technology LTC1772 Datasheet HTML 5Page - Linear Technology LTC1772 Datasheet HTML 6Page - Linear Technology LTC1772 Datasheet HTML 7Page - Linear Technology LTC1772 Datasheet HTML 8Page - Linear Technology LTC1772 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1772
1772fb
FUNCTIONAL DIAGRA
SWITCHING
LOGIC AND
BLANKING
CIRCUIT
–
+
0.5
µA
0.3V
0.3V
OVP
SHORT-CIRCUIT
DETECT
SHDN
1.2V
UV
1772 FD
VREF
+
60mV
VREF
0.8V
VIN
RS1
VOLTAGE
REFERENCE
SLOPE
COMP
ICMP
R
S
Q
FREQ
FOLDBACK
OSC
SENSE–
VIN
5
2
4
–
+
4
EAMP
VFB
–
+
3
PGATE
VIN
6
ITH/RUN
VIN
0.35V
VREF
0.8V
1
–
+
SHDN
CMP
GND
–
+
UNDERVOLTAGE
LOCKOUT
VIN
0.15V
–
+
BURST
CMP
SLEEP
PIN FUNCTIONS
ITH/RUN (Pin 1): This pin performs two functions. It
serves as the error amplifier compensation point as well as
the run control input. The current comparator threshold
increases with this control voltage. Nominal voltage range
for this pin is 0.7V to 1.9V. Forcing this pin below 0.35V
causes the device to be shut down. In shutdown all
functions are disabled and the PGATE pin is held high.
GND (Pin 2): Ground Pin.
VFB (Pin 3): Receives the feedback voltage from an exter-
nal resistive divider across the output.
SENSE– (Pin 4): The Negative Input to the Current Com-
parator.
VIN (Pin 5): Supply Pin. Must be closely decoupled to GND
Pin 2.
PGATE (Pin 6): Gate Drive for the External P-Channel
MOSFET. This pin swings from 0V to VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com