Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3224 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3224
Description  Developing an application allowing PR101-USB and MR101-USB FEIG readers to communicate with M24LRXX transponders
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3224 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3224 Datasheet HTML 4Page - STMicroelectronics AN3224 Datasheet HTML 5Page - STMicroelectronics AN3224 Datasheet HTML 6Page - STMicroelectronics AN3224 Datasheet HTML 7Page - STMicroelectronics AN3224 Datasheet HTML 8Page - STMicroelectronics AN3224 Datasheet HTML 9Page - STMicroelectronics AN3224 Datasheet HTML 10Page - STMicroelectronics AN3224 Datasheet HTML 11Page - STMicroelectronics AN3224 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Description
AN3224
8/49
Doc ID 17559 Rev 2
1.2.2
MR101-USB FEIG reader
The MR101-USB is connected to the host-computer USB port. It features an external
antenna and is powered from an external power supply to increase the RF read range (see
Figure 3).
The reader supports the ISO 15693 protocol with high datarate transfers and one
subcarrier.
The MR101-USB RF reader is delivered within the DEVKIT-M24LR-A. It communicates with
M24LRXX-based transponders using RF ISO 15693 commands.
Figure 3.
DEVKIT-M24LR-A application schematics
1.3
FEIG development toolchain
The PR101-USB and MR101-USB FEIG readers are driven by the same software. USB
driver libraries, software development kits (free Windows SDK and other platform SDKs with
charge) and OBID drivers can be downloaded from http://www.feig.de. To download FEIG
software, go to http://www.feig.de and click Download. You can use STMicroelectronics
customers’ account:
User: stm_customer
Password: 01032010france
Refer to for Appendix A the list of FEIG reference document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com