Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3224 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3224
Description  Developing an application allowing PR101-USB and MR101-USB FEIG readers to communicate with M24LRXX transponders
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3224 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3224 Datasheet HTML 28Page - STMicroelectronics AN3224 Datasheet HTML 29Page - STMicroelectronics AN3224 Datasheet HTML 30Page - STMicroelectronics AN3224 Datasheet HTML 31Page - STMicroelectronics AN3224 Datasheet HTML 32Page - STMicroelectronics AN3224 Datasheet HTML 33Page - STMicroelectronics AN3224 Datasheet HTML 34Page - STMicroelectronics AN3224 Datasheet HTML 35Page - STMicroelectronics AN3224 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
RF ISO 15693 Transparent commands
AN3224
32/49
Doc ID 17559 Rev 2
6
RF ISO 15693 Transparent commands
The FEISC_0xBF_ISOTranspCmd function is part of the FEISC.dll. It allows sending any
RF ISO 15693 request to RF transponders via the FEIG readers.
The reader is identified by its attached device handle contained in the
lngAttachedDeviceHandle(1) variable which must have been previously filled in with the
correct FEIG USB reader handle by calling the FEISC_NewReader function (see
Section 4.2: Detection and connection sequence).
Several parameters must be passed to the FEISC_0xBF_ISOTranspCmd function to
indicate to the reader the type of RF request, and the type of transponder answer expected.
Refer to Section 6.1 for a general description of the FEISC_0xB0_ISOCmd function. All the
requests described in the M24LRXX datasheet can be issued by using this method.
Section 6.2 and Section 6.3 illustrate two examples of requests, the Read single block and
Write single block request, which allow to read and write a single block of Dual interface
memory.
For more informations about how to use Transparent commands, please refers to FEIG
documentation available from http://www.feig.de.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com