Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3225 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3225
Description  Audio software codec
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3225 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3225 Datasheet HTML 1Page - STMicroelectronics AN3225 Datasheet HTML 2Page - STMicroelectronics AN3225 Datasheet HTML 3Page - STMicroelectronics AN3225 Datasheet HTML 4Page - STMicroelectronics AN3225 Datasheet HTML 5Page - STMicroelectronics AN3225 Datasheet HTML 6Page - STMicroelectronics AN3225 Datasheet HTML 7Page - STMicroelectronics AN3225 Datasheet HTML 8Page - STMicroelectronics AN3225 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
November 2012
Doc ID 17566 Rev 3
1/13
AN3225
Application note
Audio software codec
for STM8L15xxx and STM8AL31xx/STM8AL3Lxx
Introduction
This application note describes a simple and easy-to-use solution to help design and
develop products with an audio output, for example, toys, alarms, door bells, and white
goods.
Audio data generally require the storage of a lot of memory. However, the memory space
needed to preserve such data can be reduced by compressing the audio data via a
specified compression method. Processing these data is usually a complex task requiring
powerful microcontrollers such as DSP or audio chip. Normally, 8-bit microcontrollers do not
offer either a large memory or a high computing performance.
The software solution offered in this application note reconstructs audio signals from
compressed samples. A simple audio codec based on an adaptive differential pulse coded
modulation (ADPCM) algorithm is used and advantage is taken of the advanced
STM8L/STM8AL core with its 3-staged pipeline and 16 MIPS peak performance.
The digital samples are converted to an analog signal by an on-chip, 12-bit, digital-to-analog
converter (DAC). This offers good overall audio quality, yet is a cost-effective solution for 8-
bit microcontroller applications.
The battery-powered application benefits from the ultra low-power consumption of
STM8L/STM8AL microcontrollers.
The example firmware and application hardware design are provided with this application
note to enable easy porting of the offered solution to the final application.
Table 1 summarizes the products covered by this application note.
Table 1.
Applicable products
Product family
Part numbers
Microcontrollers
– STM8L151x4, STM8L151x6, STM8L152x4, STM8L152x6
– STM8L151x8, STM8L152x8, STM8L151R6, STM8L152R6,
STM8L162R8, STM8L162M8
– STM8AL313x, STM8AL314x, STM8AL316x, STM8AL3L4x,
STM8AL3L6x
www.st.com


Similar Part No. - AN3225

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN32258 PANASONICBATTERY-AN32258 Datasheet
164Kb / 1P
New Wireless Charging Control LSI
More results

Similar Description - AN3225

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1342TS PHILIPS-UDA1342TS Datasheet
180Kb / 44P
Audio CODEC
2000 Mar 29
logo
OKI electronic componet...
MSM7732-01 OKI-MSM7732-01 Datasheet
302Kb / 29P
Audio CODEC
logo
Gennum Corporation
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
Embedded Audio CODEC
logo
STMicroelectronics
AN3143 STMICROELECTRONICS-AN3143 Datasheet
256Kb / 13P
Audio software codec for the STM8S
16-Mar-2010
logo
Texas Instruments
PCM3168A TI1-PCM3168A Datasheet
2Mb / 66P
Audio Codec
TLC320AD90C TI1-TLC320AD90C Datasheet
232Kb / 51P
Stereo Audio Codec
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
STEREO AUDIO CODEC
logo
LAPIS Semiconductor Co....
ML7041 LAPIS-ML7041 Datasheet
381Kb / 28P
Audio CODEC
logo
Analog Devices
ADAU1361 AD-ADAU1361 Datasheet
1Mb / 80P
Audio Codec
8/2018-Rev. C to Rev. D
ADAU1761 AD-ADAU1761_18 Datasheet
1Mb / 93P
Audio Codec
7/2018-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com