Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3225 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3225
Description  Audio software codec
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3225 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3225 Datasheet HTML 5Page - STMicroelectronics AN3225 Datasheet HTML 6Page - STMicroelectronics AN3225 Datasheet HTML 7Page - STMicroelectronics AN3225 Datasheet HTML 8Page - STMicroelectronics AN3225 Datasheet HTML 9Page - STMicroelectronics AN3225 Datasheet HTML 10Page - STMicroelectronics AN3225 Datasheet HTML 11Page - STMicroelectronics AN3225 Datasheet HTML 12Page - STMicroelectronics AN3225 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
STM8L/STM8AL audio output using on-chip 12-bit DAC
AN3225
10/13
Doc ID 17566 Rev 3
The simplest form of the reconstruction filter is the resistor-capacitor (RC) lowpass filter. The
cutoff frequency of the RC circuit, fc, is shown in Equation 2.
Equation 2
The amplitude drop over the cutoff frequency is approximately -6 dB per octave (or -20 dB
per decade). The frequency response of the speaker can bring an additional attenuation of
the high frequency content. However, for high quality audio output it is better to implement a
second order active LP filter providing steeper attenuation of higher frequencies. One
example of an active LP filter design is the ‘Sallen-Key configuration’ design which has a
unity gain operational amplifier (op-amp). For more information about active LP filter
designs, see the LS204 datasheet.
The output of STM8L15xxx/ STM8AL31xx/STM8AL3Lxx DAC can be buffered by on-chip
output amplifier to reduce the output impedance. It can be
enabled by setting the BOFF bit
in the DAC_CR1 register. An external audio amplifier should buffer (or be integrated as a
part of) the reconstruction filter to supply a low impedance speaker or to achieve a higher
output power.
An example of a reconstruction filter with an output buffer can be found on the STM8L1528-
EVAL evaluation board. Details including schematics can be found in the UM0784.
fc
1
2
πRC
()
⁄
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com