Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3250 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3250
Description  M24LR64-R Multi-bank reference design description and settings
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3250 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3250 Datasheet HTML 4Page - STMicroelectronics AN3250 Datasheet HTML 5Page - STMicroelectronics AN3250 Datasheet HTML 6Page - STMicroelectronics AN3250 Datasheet HTML 7Page - STMicroelectronics AN3250 Datasheet HTML 8Page - STMicroelectronics AN3250 Datasheet HTML 9Page - STMicroelectronics AN3250 Datasheet HTML 10Page - STMicroelectronics AN3250 Datasheet HTML 11Page - STMicroelectronics AN3250 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Setting up a Multi-Bank application
AN3250
8/16
Doc ID 17761 Rev 1
3
Setting up a Multi-Bank application
Once designed, the Multi-Bank application must be configured and programmed so that it
can be used correctly by the microcontroller and the RFID reader. Because several banks
are used in parallel, each bank must be individually numbered and this number must be
common to both the RFID reader and the microcontroller.
This reference design proposes to identify the banks and their numbers using a pointer area
placed at the end of the last bank of the reference design.
There are different ways to allocate the banks depending on whether a microcontroller only,
an RFID reader only or both a microcontroller and an RFID reader are available in the
application during Multi-Bank programming.
For further details on how the M24LR64-R arbitration unit operates, refer to application note
AN3057 “How to manage M24LR64-R data transfers from the I²C bus or an RF channel”.
While the 3 following setup methods work, the one with both a microcontroller and RFID
reader is recommend as it speeds up the identification process when the application is
running.
3.1
Basic principle
Each memory bank of the Multi-Bank reference design consists of an M24LR64-R memory
plan which includes among others:
●
A 64-bit Unique IDentifier area (UID)
–
Read-only in RF mode
–
Read-only in I2C mode
●
An 8-bit Data Storage IDentifier area (DSFID)
–
Read-write in RF mode
–
Read-only in I2C mode
●
A 64-Kbit EEPROM user memory area
–
Read-write in RF mode
–
Read-write in I2C mode
Note:
This application note illustrates the setup of the ANT5-M24LR-A, which is the 4-bank
reference design. The same principle applies for any Multi-Bank design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com