Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3260 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3260
Description  Building a thermometer using the STM8S-DISCOVERY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3260 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3260 Datasheet HTML 2Page - STMicroelectronics AN3260 Datasheet HTML 3Page - STMicroelectronics AN3260 Datasheet HTML 4Page - STMicroelectronics AN3260 Datasheet HTML 5Page - STMicroelectronics AN3260 Datasheet HTML 6Page - STMicroelectronics AN3260 Datasheet HTML 7Page - STMicroelectronics AN3260 Datasheet HTML 8Page - STMicroelectronics AN3260 Datasheet HTML 9Page - STMicroelectronics AN3260 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Application description
AN3260
6/24
Doc ID 17836 Rev 1
3.2
Application schematics
Figure 1 shows how to interface the LM235 temperature sensor, the ST232C driver/receiver
and the pushbuttons with the STM8S-DISCOVERY.
Button1 and button2 require an RC debounce filter to avoid triggering several interrupts. The
debounce filter for button1 and button2 consist of C7 and C6 capacitors plus PA3 and PA4
internal pull-up resistor (about 45 KΩ).
No external pull-up resistors are required as the internal pull-ups of the I/Os are used.
C2 and C3 are two charge-pump external capacitors which are used in the ST232C as
voltage doubler and voltage inverter, respectively.
The current flowing into the LM235 V+ pin must be regulated by a resistor. The sensor is
powered from a 5 V power supply (VDD). The breakdown voltage across the sensor is
directly proportional to the absolute temperature with a sensitivity of 10mV/°K. Since the
ambient temperature is around 300 °K, the voltage drop is roughly 3 V, which leaves 2 V for
the 2.2 kΩ resistor to regulate the current around 1 mA (intensity used to determine the
typical values in the datasheet).
For implementation details, refer to the STM8S-DISCOVERY board schematics provided in
the STM8S-DISCOVERY user manual (UM0817).
Table 2.
List of packaged components
Part number
Component description
Package
ST232C (order
code
ST232CN)
Very-high speed ultralow-power consumption 5 V RS232
driver/receiver used for UART 5/12 V level shifter.
SO16
LM235
Precision temperature sensor IC operating over a -40 to -125 °C
temperature range with 1 °C initial accuracy.
SO8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com