Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3260 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3260
Description  Building a thermometer using the STM8S-DISCOVERY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3260 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3260 Datasheet HTML 1Page - STMicroelectronics AN3260 Datasheet HTML 2Page - STMicroelectronics AN3260 Datasheet HTML 3Page - STMicroelectronics AN3260 Datasheet HTML 4Page - STMicroelectronics AN3260 Datasheet HTML 5Page - STMicroelectronics AN3260 Datasheet HTML 6Page - STMicroelectronics AN3260 Datasheet HTML 7Page - STMicroelectronics AN3260 Datasheet HTML 8Page - STMicroelectronics AN3260 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
December 2010
Doc ID 17836 Rev 1
1/24
AN3260
Application note
Building a thermometer
using the STM8S-DISCOVERY
Application overview
This application demonstrates how to build a simple thermometer based on the STM8S-
DISCOVERY and the LM235 precision temperature sensor. The STM8S105C6T6
microcontroller reads the temperature values and transmits them through the UART
interface. The temperature values are then displayed on a terminal window (possibly based
on Windows HyperTerminal) of a PC connected to the UART through an RS232 cable.
Once the STM8S-DISCOVERY is powered up through an USB cable connected to the host
PC, an informative message is displayed on the terminal window and the user is prompted
to enter minimum and maximum temperature thresholds.
The current temperature is displayed on the terminal window every minute together with a
warning message when the temperature is out of range.
The minimum and maximum values of the temperature over one-hour period are recorded in
the MCU data EEPROM once per hour. They can be displayed any time by pressing a
pushbutton.
Even if it is built on an STM8S105C6T6, the STM8S-DISCOVERY can be used to evaluate
the main features of all STM8S microcontrollers.
Reference documents
I
STM8S-DISCOVERY evaluation board user manual (UM0817).
I
Developing and debugging your STM8S-DISCOVERY application code user manual
(UM0834).
I
LM235 precision temperature sensor datasheet
I
ST232C 5 V powered multi-channel RS-232 driver and receiver datasheet
www.st.com


Similar Part No. - AN3260

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3261 STMICROELECTRONICS-AN3261 Datasheet
635Kb / 17P
The Smart Reset
22-Sep-2010
AN3262 STMICROELECTRONICS-AN3262 Datasheet
1Mb / 27P
Using the over-the-air bootloader with STM32W108 devices
04-Mar-2011
AN3265 STMICROELECTRONICS-AN3265 Datasheet
218Kb / 19P
Handling hardware and software failures with the STM8S-DISCOVERY
17-Dec-2010
logo
Panasonic Semiconductor
AN3266FAP PANASONIC-AN3266FAP Datasheet
80Kb / 8P
Video luminance signal recording/playback processing IC
logo
STMicroelectronics
AN3269 STMICROELECTRONICS-AN3269 Datasheet
217Kb / 19P
This application note introduces some
16-Sep-2010
More results

Similar Description - AN3260

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8SVLDISCOVERY STMICROELECTRONICS-STM8SVLDISCOVERY Datasheet
124Kb / 4P
STM8S Value line Discovery
07-Nov-2011
AN2658 STMICROELECTRONICS-AN2658 Datasheet
189Kb / 23P
Using the analog to digital converter of the STM8S microcontroller
08-Jul-2009
AN3255 STMICROELECTRONICS-AN3255 Datasheet
464Kb / 24P
Building an RFID short-range reader using the STM8S-DISCOVERY
12-Oct-2010
AN3259 STMICROELECTRONICS-AN3259 Datasheet
334Kb / 25P
RS232 communications with a terminal using the STM8S-DISCOVERY
06-Dec-2010
AN3265 STMICROELECTRONICS-AN3265 Datasheet
218Kb / 19P
Handling hardware and software failures with the STM8S-DISCOVERY
17-Dec-2010
AN3280 STMICROELECTRONICS-AN3280 Datasheet
171Kb / 13P
Displaying variable voltage on a bar of LEDs using STM8S-DISCOVERY
21-Oct-2010
AN3332 STMICROELECTRONICS-AN3332 Datasheet
96Kb / 7P
Generating PWM signals using STM8S-DISCOVERY
15-Jan-2011
AN3397 STMICROELECTRONICS-AN3397 Datasheet
434Kb / 24P
Temperature sensor example using the STM8L-DISCOVERY board
12-Oct-2012
STM8S-DISCOVERY STMICROELECTRONICS-STM8S-DISCOVERY Datasheet
97Kb / 3P
STM8S access Discovery
05-Nov-2010
logo
List of Unclassifed Man...
FX-888D ETC1-FX-888D Datasheet
2Mb / 15P
The temperature was measured using the FG-100 thermometer.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com