Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3265 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3265
Description  Handling hardware and software failures with the STM8S-DISCOVERY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3265 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3265 Datasheet HTML 2Page - STMicroelectronics AN3265 Datasheet HTML 3Page - STMicroelectronics AN3265 Datasheet HTML 4Page - STMicroelectronics AN3265 Datasheet HTML 5Page - STMicroelectronics AN3265 Datasheet HTML 6Page - STMicroelectronics AN3265 Datasheet HTML 7Page - STMicroelectronics AN3265 Datasheet HTML 8Page - STMicroelectronics AN3265 Datasheet HTML 9Page - STMicroelectronics AN3265 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Application description
AN3265
6/19
Doc ID 17860 Rev 1
1.2
Application schematics
Figure 1 shows how to interface the LEDs and the pushbuttons with the STM8S-
DISCOVERY.
For STM8S-DISCOVERY implementation details, refer to the board schematics provided in
the STM8S-DISCOVERY user manual (UM0817).
Button1 requires an RC debounce filter to avoid triggering several interrupts. It consists of a
capacitor C and PB0 internal pull-up resistor (about 45 K
Ω.). No pull-up resistor is required
for Button1 as the internal pull-up of PBO I/O pin is used.
Figure 1.
Application schematics
1.3
Application principle
Two external pushbuttons are used to simulate malfunctions while the LEDs monitor the
application progress.
Button1 can be used in two different ways depending on the application context:
1.
To demonstrate the WWDG capability for managing software failures such as
application freeze:
When pressing Button1, the application lengthens the delay between two WWDG
refresh operations until this delay becomes too long. The WWDG then triggers a reset.
2.
To trigger a software reset.
Button2 is used to demonstrate CSS and IWDG recovery capabilities in case of HSE clock
failure. Pressing Button2 connects an additional high value capacitor to the OSCIN pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com