Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3269 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3269
Description  This application note introduces some
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3269 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3269 Datasheet HTML 7Page - STMicroelectronics AN3269 Datasheet HTML 8Page - STMicroelectronics AN3269 Datasheet HTML 9Page - STMicroelectronics AN3269 Datasheet HTML 10Page - STMicroelectronics AN3269 Datasheet HTML 11Page - STMicroelectronics AN3269 Datasheet HTML 12Page - STMicroelectronics AN3269 Datasheet HTML 13Page - STMicroelectronics AN3269 Datasheet HTML 14Page - STMicroelectronics AN3269 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
AN3269
Software description
Doc ID 17904 Rev 1
11/19
2
Software description
2.1
STM8L peripherals used by the application
This application example uses the following STM8L peripherals with the settings described
below:
ADC
ADC performs analog-to-digital conversions of the internal reference voltage (VDD voltage
display) and of the voltage coming from the operational amplifier that is the image of IDD
current.
●
ADC resolution: 12-bit
●
ADC conversion mode: single
●
ADC sampling time: 9 cycles
TIM4
TIM4 is used to generating the delays needed for display or wait loops.
GPIOs
Port C and Port E are connected to the USER push-button and the LEDs.
●
PC1 set as an input floating pin with interrupt (USER push-button)
●
PC7 and PE7 set as an output push-pull pin (LD4 and LD3 LEDs respectively)
●
PE6 set as an input floating pin with interrupt (IDD Wakeup) with detection on rising
edge
●
During the low power modes, I/Os are placed in output push-pull to reduce power
consumption except for a few pins related to the hardware interface (buttons, PF0 IDD
measurement pin, PE6 LP WakeUp pin and PC4)
●
All Schmitt triggers on standard I/O pins are disabled to reduce power consumption
●
The Schmitt trigger on PF0 is disabled in order to avoid measurement errors
LCD controller
The different functions available in the firmware library for LCD are used to initialize, clear,
display strings and scrolling messages needed in the application code. For some low power
mode measurements, the LCD controller is turned OFF to minimize the current consumption
of STM8L152.
Clock
The HSI (high speed internal) 16 MHz oscillator is selected as clock source. The application
manages the peripheral clocks depending on the selected power saving mode. When the
device enters low power run mode, HSI is switched OFF and LSI acts as the main clock
source until the device is woken-up by an external event. When exiting Low power run
mode, the device switches the HSI oscillator back ON. On the other hand, LSE is switched
ON during Manufacturing test mode (see Section 1.5.3).
2.2
STM8L15x standard firmware library configuration
The stm8l15x_conf.h file of the STM8L standard firmware library allows you to configure the
library by enabling the peripheral functions used by the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com