Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3269 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3269
Description  This application note introduces some
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3269 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3269 Datasheet HTML 9Page - STMicroelectronics AN3269 Datasheet HTML 10Page - STMicroelectronics AN3269 Datasheet HTML 11Page - STMicroelectronics AN3269 Datasheet HTML 12Page - STMicroelectronics AN3269 Datasheet HTML 13Page - STMicroelectronics AN3269 Datasheet HTML 14Page - STMicroelectronics AN3269 Datasheet HTML 15Page - STMicroelectronics AN3269 Datasheet HTML 16Page - STMicroelectronics AN3269 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AN3269
Software description
Doc ID 17904 Rev 1
13/19
As detailed in the flowchart, after starting the STM8L-DISCOVERY, the initialization of the
peripherals and LCD display is performed and then the application immediately checks
whether the USER push-button is pressed. If pressed, then the application goes to the Bias
current record operation. Otherwise, the Demo mode (IDD measurement) is automatically
selected. If during Demo mode, the user presses the USER key for more than 3 seconds,
then the application enters manufacturing test. To exit manufacturing test, the application
needs to be restarted by pressing the RESET button.
2.3.2
Demo mode (IDD measurement)
When Demo mode is launched, it starts displaying a welcoming message and then, after a
few seconds, the VDD value.
The user then selects one of the IDD measurement functions by pressing successively on
the USER pushbutton (as described in Section 1.5.1).
These functions are mainly divided in 2 steps:
Configuring the device according to the selected power mode
IDD measurement and display (this part is common for all power modes)
The Demo mode sequence is as follows:
Figure 5.
Demo mode sequence
IDD measurement and display
The following flowchart describes the IDD measurement and display steps:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com