Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3359 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3359
Description  This application note is dedicated
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3359 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3359 Datasheet HTML 4Page - STMicroelectronics AN3359 Datasheet HTML 5Page - STMicroelectronics AN3359 Datasheet HTML 6Page - STMicroelectronics AN3359 Datasheet HTML 7Page - STMicroelectronics AN3359 Datasheet HTML 8Page - STMicroelectronics AN3359 Datasheet HTML 9Page - STMicroelectronics AN3359 Datasheet HTML 10Page - STMicroelectronics AN3359 Datasheet HTML 11Page - STMicroelectronics AN3359 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Impedance matching
AN3359
8/28
Doc ID 018585 Rev 1
3
Impedance matching
Meander-like PCB antenna can be tuned to the required 50 Ohm impedance by matching
the impedance circuitry with the
π topology. In Figure 2 the impedance matching area is
marked with a dashed line. Under nominal conditions, this antenna should exhibit
impedance very close to the required nominal impedance (50 Ohm).
To check the performance of this design, a sample antenna was manufactured (according to
the specifications covered by this document). Figure 4 shows this antenna.
Figure 4.
Part of the ZigBee module's PCB with Meander-like antenna (around
scale 4:1)
Assuming that the manufactured sample exhibits the expected performance (no impedance
matching necessary), the impedance matching circuitry was bypassed by two 100 pF
capacitors connected in series, as shown in Figure 5:
Figure 5.
Bypassing impedance matching circuitry - direct RF connection
All electrical parameters of the meander-like antenna have been measured at connection to
the Band Pass Filter with the frequency span covering frequencies from 2.4 GHz to 2.5
GHz.
Complex impedance of the antenna is shown in the Smith diagram in Figure 6:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com