Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3359 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3359
Description  This application note is dedicated
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3359 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3359 Datasheet HTML 10Page - STMicroelectronics AN3359 Datasheet HTML 11Page - STMicroelectronics AN3359 Datasheet HTML 12Page - STMicroelectronics AN3359 Datasheet HTML 13Page - STMicroelectronics AN3359 Datasheet HTML 14Page - STMicroelectronics AN3359 Datasheet HTML 15Page - STMicroelectronics AN3359 Datasheet HTML 16Page - STMicroelectronics AN3359 Datasheet HTML 17Page - STMicroelectronics AN3359 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Radiation pattern, 2-D visualization
AN3359
14/28
Doc ID 018585 Rev 1
5
Radiation pattern, 2-D visualization
In this chapter all radiation patterns are related to the magnitude of electrical far field E,
which is normalized and shown in the logarithmic scale (in dB). This means that the
maximum global radiation pattern (maximum magnitude of the electrical far-field E) is
represented by 0 dB level. To show antenna radiation patterns in detail, three two
dimensional (2-D) major cuts are presented. Consider the orientation of the module in the
spherical coordinate system as shown in Figure 1.
A three dimensional (3-D) far field radiation pattern is visualized as three two dimensional
(2-D) cuts through a 3-D pattern. Three major planes are used for these cuts (Figure 12):
●
One horizontal X-Y plane
●
Two vertical planes: X-Z plane and Y-Z plane.
For the colors of the plots in Figure 12:
●
The "Blue" plot is drawn on the horizontal X-Y plane, where azimuth
φ radiates from 0°
on the X-axis towards the Y-axis until it reaches 360° on the X-axis.
●
The "Red" plot is drawn on the X-Z plane, where elevation
θ radiates from 0° on the Z-
axis towards the positive part of the X-axis until it reaches180° on the negative part of
the Z-axis. In this plot (cut by X-Z plane), elevation
θ is negative for X < 0.
●
The "Green" plot is drawn on the Y-Z plane, where elevation
θ radiates from 0° on the
Z-axis towards the positive part of the Y-axis until it reaches 180° on the negative part
of the Z-axis. For this plot (cut by Y-Z plane), elevation
θ is negative for Y < 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com