Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3408 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3408
Description  The NFC technology allows accessing standard
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3408 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3408 Datasheet HTML 1Page - STMicroelectronics AN3408 Datasheet HTML 2Page - STMicroelectronics AN3408 Datasheet HTML 3Page - STMicroelectronics AN3408 Datasheet HTML 4Page - STMicroelectronics AN3408 Datasheet HTML 5Page - STMicroelectronics AN3408 Datasheet HTML 6Page - STMicroelectronics AN3408 Datasheet HTML 7Page - STMicroelectronics AN3408 Datasheet HTML 8Page - STMicroelectronics AN3408 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
March 2013
DocID018867 Rev 4
1/38
AN3408
Application note
Using LRIxx, LRISxx, M24LRxx-R and M24LRxxE-R products
as NFC vicinity tags
Introduction
The NFC technology allows accessing standard ISO/IEC 15693 products such as
STMicroelectronics Dual interface EEPROMs (M24LR04E-R, M24LR16E-R and M24LR64E-R)
and ST ISO/IEC 15693 RFID tag products (LRI1K, LRI2K, LRIS2K and LRIS64K).
The NFC forum specifies a data structure standard named NDEF allowing user data
exchange. Data can be either text, URI or picture.
RFID or NFC tag memory can embed NDEF messages and share it with different hosts
(reader, mobile phone).
This application note explains how to apply the NDEF format to STMicroelectronics ISO/IEC
15693 products (LRI1K, LRI2K, LRIS2K, LRIS64K, M24LRxx-R and M24LRxxE-R).
Reference documents
• ISO/IEC standards
– [15693-3]: ISO/IEC 15693-3: Identification cards - Contactless integrated circuit(s)
cards - Vicinity cards - Part 3: Anti-collision and transmission protocol
• NFC forum documents
– [NDEF]: NFC Data Exchange Format (NDEF) Technical Specification; NFC Forum™;
NDEF 1.0
– [URI]: URI Record Type Definition document; NFC Forum™
– [RTD]: NFC Record Type Definition; NFC forum
– [BLUETOOTH]: Bluetooth Secure Simple Pairing Using NFC; NFC forum
– [TEXT]: Text Record Type Definition; NFC forum
– [TAG-2]: Type 2 Tag Operation Technical Specification; NFC Forum™; 1.1
• ST documents
– LRI1K datasheet
– LRI2K datasheet
– LRIS2K datasheet
– LRIS64K datasheet
– M24LRxx-R and M24LRxxE-R datasheets
Table 1 lists the products concerned by this application note.
Note:
The standard M24LRxx-R and energy-harvesting M24LRxxE-R devices will be referred to
as M24LRxx devices throughout the document.
Table 1. Applicable products
Type
Applicable products
Dual interface EEPROMs
M24LRxx-R, M24LRxxE-R
RFID & RF Memory ICs
LRI1K, LRI2K, LRIS2K and LRIS64K
www.st.com


Similar Part No. - AN3408

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
AN340 EXTECH-AN340 Datasheet
101Kb / 1P
AN340 CMM/CFM Anemometer/ Psychrometer Datalogger
logo
STMicroelectronics
AN3400 STMICROELECTRONICS-AN3400 Datasheet
4Mb / 78P
Analysis and simulation of a BJT complementary pair in a self-oscillating CFL solution
28-Nov-2011
logo
Panasonic Semiconductor
AN34001A PANASONIC-AN34001A Datasheet
233Kb / 7P
Nine-Output Linear Voltage Regulator
logo
STMicroelectronics
AN3401 STMICROELECTRONICS-AN3401 Datasheet
1Mb / 18P
The SPV1001 and SPV1002 are system-in-package solutions
05-Dec-2011
AN3404 STMICROELECTRONICS-AN3404 Datasheet
268Kb / 30P
Low power considerations for STM8TL5xxx devices
10-Sep-2012
More results

Similar Description - AN3408

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8568EVM-PDK TI1-ADS8568EVM-PDK Datasheet
5Mb / 23P
The ADS8568EVM allows evaluation of all aspects of the ADS8568 device.
logo
ATMEL Corporation
AT90S8515 ATMEL-AT90S8515_14 Datasheet
71Kb / 4P
LDS/STS when Accessing External RAM
logo
STMicroelectronics
UM1551 STMICROELECTRONICS-UM1551 Datasheet
684Kb / 17P
This demonstration board allows the easy measurement
10-Jun-2013
logo
MERITEK ELECTRONICS COR...
MNTS MERITEK-MNTS Datasheet
124Kb / 5P
Multilayer structure allows diverse resistance values in the same B constant
logo
Level One
VOI-7010 LVL1-VOI-7010 Datasheet
114Kb / 3P
The LevelOne VOI-7010 IP Phone allows for telephony
logo
List of Unclassifed Man...
GP-1450 ETC2-GP-1450 Datasheet
505Kb / 2P
PEN film reinforcement allows easy
logo
STMicroelectronics
SPC563M64AVB144 STMICROELECTRONICS-SPC563M64AVB144 Datasheet
61Kb / 6P
Allows system calibration regardless of availability of standard MCU external bus
13-Sep-2013
logo
Maxim Integrated Produc...
MAX8643EVKIT MAXIM-MAX8643EVKIT Datasheet
215Kb / 6P
Allows All-Ceramic Capacitor Design
Rev 0; 10/06
logo
Molex Electronics Ltd.
PS-1462360001 MOLEX-PS-1462360001 Datasheet
1Mb / 13P
Rectangular Standard NFC Antenna Product Specification
2021/03/17
logo
NXP Semiconductors
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
NFC frontend
Rev. 3.3 ??19 April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com