Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3431 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3431
Description  How to design a PresSense pressure touch button
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3431 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3431 Datasheet HTML 4Page - STMicroelectronics AN3431 Datasheet HTML 5Page - STMicroelectronics AN3431 Datasheet HTML 6Page - STMicroelectronics AN3431 Datasheet HTML 7Page - STMicroelectronics AN3431 Datasheet HTML 8Page - STMicroelectronics AN3431 Datasheet HTML 9Page - STMicroelectronics AN3431 Datasheet HTML 10Page - STMicroelectronics AN3431 Datasheet HTML 11Page - STMicroelectronics AN3431 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Mechanical construction considerations
AN3431
8/18
Doc ID 019017 Rev 1
2.1.1
Insulating layer
The designer can add an optional insulating layer to improve electrostatic discharge (ESD)
protection (if the conductive top cover is driven by an MCU pin) and/or to enhance the look
of the application. This layer can simply be glued onto the top cover and has limited impact
on the behavior of the touch module.
2.1.2
Conductive top cover
The conductive top cover should be designed so that it has a measurable non-permanent
deflection when pressed in the desired sensor area.
For any material sample, it is possible to represent graphically the relationship between
stress (forces which deform a body) and strain (the relative deformation itself). Figure 4
demonstrates the relationship between stress and strain. The first part of the curve is linear
(according to physical laws). Here, the ratio between stress (
σ) and strain (ε)(a) is called
Young’s modulus (E). An additional parameter, the elastic limit (1), must also be taken into
account. This applies when the material becomes permanently deformed if the stress
applied is too high.
a.
In this mechanical context, “
ε” does not relate to the permittivity but, to the strain (a strain is a normalized
measure of deformation representing the displacement between particles in the body relative to a reference
length).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com