Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3431 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3431
Description  How to design a PresSense pressure touch button
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3431 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3431 Datasheet HTML 6Page - STMicroelectronics AN3431 Datasheet HTML 7Page - STMicroelectronics AN3431 Datasheet HTML 8Page - STMicroelectronics AN3431 Datasheet HTML 9Page - STMicroelectronics AN3431 Datasheet HTML 10Page - STMicroelectronics AN3431 Datasheet HTML 11Page - STMicroelectronics AN3431 Datasheet HTML 12Page - STMicroelectronics AN3431 Datasheet HTML 13Page - STMicroelectronics AN3431 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Mechanical construction considerations
AN3431
10/18
Doc ID 019017 Rev 1
It can be seen from Table 1 :
●
Aluminium has a very favorable
ε and σy. Aluminium is also widely available as it is the
most abundant metal in the earth's crust.
●
The other listed metals can also be used, but the higher force required should be
considered. Designing with stringent design parameters can still yield a soft touch on
these metals.
●
Polycarbonate is a very workable plastic which is used as an electronic component and
construction material, in automotive, aircraft and security components, and in niche
applications.
2.1.3
Spacer layer
The spacer layer is used to create an air-gap between the top cover and the sensor pad on
the PCB. When a user presses the top cover (above the sensor pad area), the slight
deflection of the overlay material into the air-gap increases the capacitance measured.
Although the thickness of the spacer layer is the main design consideration, it is also
important to consider the material. A rigid material, such as FR-4 or a nondeformable
plastic, should be used for the spacer layer so that it does not deform with the top cover if a
force is applied on the overlay material. A rigid spacer layer also keeps the PCB secure.
The deflection required in the overlay material should be at least 2-5 %. This yields a
0.9-2 % change in the capacitance of the button (deflection is not linearly equivalent to
change in capacitance due to parasitic capacitances). A larger deflection is better because it
yields a higher signal-to-noise ratio (SNR).
Spacer layer recommendations
●
The recommended spacer layer thickness is 0.1-0.5 mm.
●
The spacer layer can be a nondeformable plastic film with holes over the buttons.
●
The conductive top cover can have blind holes above the sensor pads. This also
decreases the cost of spacer layer manufacturing, fitting and adhesion, as it is directly
incorporated into top cover. For example,
–
0.7 mm Aluminium with 0.2 mm deep blind holes above sensor pads
–
1 mm plastic/perspex with 0.2-0.5 mm blind holes above sensor pads
●
The holes in the spacer layer are recommended to be at least 110-130 % of the button
size. This increases the area which is deflected towards the sensor pad, in essence,
increasing the change in capacitance.
2.1.4
PCB layer
The PCB layer can be made with an extra mechanical tier over the top routed tier. The PCB
can be 0.1-0.5 mm thick with cut-out/blind holes above the sensor pads. This decreases the
cost of the spacer layer manufacturing, fitting and adhesion, as it is directly incorporated into
the PCB.
2.1.5
Mechanical bracket/support layer
This layer can be added to ensure that the module does not bend or move when a force is
applied to a button. To get a stable and robust solution, only local deflection over the button
is permitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com