Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0068 Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM0068
Description  STM32F10xxx XL-density Flash programming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0068 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM0068 Datasheet HTML 9Page - STMicroelectronics PM0068 Datasheet HTML 10Page - STMicroelectronics PM0068 Datasheet HTML 11Page - STMicroelectronics PM0068 Datasheet HTML 12Page - STMicroelectronics PM0068 Datasheet HTML 13Page - STMicroelectronics PM0068 Datasheet HTML 14Page - STMicroelectronics PM0068 Datasheet HTML 15Page - STMicroelectronics PM0068 Datasheet HTML 16Page - STMicroelectronics PM0068 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
PM0068 Reading/programming the STM32F101xF/G and STM32F103xF/G embedded Flash memo-
Doc ID 17100 Rev 2
13/31
Mass Erase
The Mass Erase command can be used to completely erase the user pages of the Flash
memory. The information block is unaffected by this procedure. The following sequence is
recommended:
Check that no Flash memory operation is ongoing by checking the BSY bit in the
FLASH_SR register
Set the MER bit in the FLASH_CR register
Set the STRT bit in the FLASH_CR register
Wait for the BSY bit to be reset
Read all the pages and verify
Note:
To perform a mass erase on the whole Flash memory, a mass erase must be issued to
bank 1 and bank 2.
Figure 3.
Flash memory Mass Erase procedure
2.3.5
Option byte programming
The option bytes are programmed differently from normal user addresses. The number of
option bytes is limited to 8 (4 for write protection, 1 for read protection, 1 for configuration
and 2 for user data storage). After unlocking the FPEC, the user has to authorize the
programming of the option bytes by writing the same set of KEYS (KEY1 and KEY2) to the
FLASH_OPTKEYR register to set the OPTWRE bit in the FLASH_CR register (refer to
Section 2.3.1 for key values). Then the user has to set the OPTPG bit in the FLASH_CR
register and perform a half-word write operation at the desired Flash address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com