Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0068 Datasheet(PDF) 14 Page - STMicroelectronics

Part # PM0068
Description  STM32F10xxx XL-density Flash programming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0068 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PM0068 Datasheet HTML 10Page - STMicroelectronics PM0068 Datasheet HTML 11Page - STMicroelectronics PM0068 Datasheet HTML 12Page - STMicroelectronics PM0068 Datasheet HTML 13Page - STMicroelectronics PM0068 Datasheet HTML 14Page - STMicroelectronics PM0068 Datasheet HTML 15Page - STMicroelectronics PM0068 Datasheet HTML 16Page - STMicroelectronics PM0068 Datasheet HTML 17Page - STMicroelectronics PM0068 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Reading/programming the STM32F101xF/G and STM32F103xF/G embedded Flash memory
14/31
Doc ID 17100 Rev 2
FPEC preliminarily reads the value of the addressed option byte and checks that it has been
erased. If not, the program operation is skipped and a warning is issued by the PGERR bit in
the FLASH_SR register. The end of the program operation is indicated by the EOP bit in the
FLASH_SR register.
The FPEC takes the LSB and automatically computes the MSB (which is the complement of
the LSB) and starts the programming operation. This guarantees that the option byte and its
complement are always correct.
The sequence is as follows:
●
Check that no Flash memory operation is ongoing by checking the BSY bit in the
FLASH_SR register.
●
Unlock the OPTWRE bit in the FLASH_CR register.
●
Set the OPTPG bit in the FLASH_CR register.
●
Write the data (half-word) to the desired address.
●
Wait for the BSY bit to be reset.
●
Read the programmed value and verify.
When the Flash memory read protection option is changed from protected to unprotected, a
Mass Erase of the main Flash memory is performed before reprogramming the read
protection option. If the user wants to change an option other than the read protection
option, then the mass erase is not performed. The erased state of the read protection option
byte protects the Flash memory.
Erase procedure
The option byte erase sequence (OPTERASE) is as follows:
●
Check that no Flash memory operation is ongoing by reading the BSY bit in the
FLASH_SR register.
●
Unlock the OPTWRE bit in the FLASH_CR register.
●
Set the OPTER bit in the FLASH_CR register.
●
Set the STRT bit in the FLASH_CR register.
●
Wait for BSY to reset.
●
Read the erased option bytes and verify.
2.4
Protections
The user area of the Flash memory can be protected against read by untrusted code. The
pages of the Flash memory can also be protected against unwanted write due to loss of
program counter contexts. The write-protection granularity is two pages.
2.4.1
Read protection
The read protection is activated by setting the RDP option byte and then, by applying a
system reset to reload the new RDP option byte.
Note:
If the read protection is set while the debugger is still connected through JTAG/SWD, apply a
POR (power-on reset) instead of a system reset (without debugger connection).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com