Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0073 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM0073
Description  STM32Wxxx Flash memory microcontrollers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0073 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM0073 Datasheet HTML 7Page - STMicroelectronics PM0073 Datasheet HTML 8Page - STMicroelectronics PM0073 Datasheet HTML 9Page - STMicroelectronics PM0073 Datasheet HTML 10Page - STMicroelectronics PM0073 Datasheet HTML 11Page - STMicroelectronics PM0073 Datasheet HTML 12Page - STMicroelectronics PM0073 Datasheet HTML 13Page - STMicroelectronics PM0073 Datasheet HTML 14Page - STMicroelectronics PM0073 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
PM0073
Overview
Doc ID 17766 Rev 5
11/34
The Flash memory is organized as 32-bit wide memory cells that can be used for storing
both code and data constants. The Flash module is located at a specific base address in the
memory map of each STM32Wxxx microcontroller type. For the base address, please refer
to the STM32Wxxx datasheet.
The information block is divided into three parts:
System memory is used to boot the device in System memory Boot mode. The area is
reserved for use by STMicroelectronics and contains the bootloader which is used to
reprogram the Flash memory using the USART1 serial interface. It is programmed by
STMicroelectronics when the device is manufactured, and protected against spurious
write/erase operations.
Option bytes
Customer-specific data which contains data defined by the user.The extended system
memory (when available) contains an over-the-air bootloader which is used to
reprogram the Flash memory using RF messages. It is programmed by
STMicroelectronics when the device is manufactured, and protected against spurious
write/erase operations.
Write operations to the main memory block and the option bytes are managed by an
embedded Flash Program/Erase Controller (FPEC). The high voltage needed for
Program/Erase operations is internally generated.
The main Flash memory can be protected against different types of unwanted access
(read/write/erase). There are two types of protection:
Page Write Protection
Read Protection
Refer to Section 2.3: Protections for more details.
During a write operation to the Flash memory, any attempt to read the Flash memory will
stall the bus. The read operation will proceed correctly once the write operation has
completed. This means that code or data fetches cannot be made while a write/erase
operation is ongoing.
The internal RC oscillator (OSCHF) is always on, but the FPEC clock needs to be enabled
by writing ‘1’ to the FLASH_CLKER register and waiting for FLASH_CLKSR to set bit 0 to
‘1’.
The Flash memory can be programmed and erased using in-circuit programming and in-
application programming.
Note:
In the low-power modes, all Flash memory accesses are aborted. Refer to the STM32Wxxx
datasheet for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com