Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2602 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2602
Description  Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 4Page - Linear Technology LTC2602 Datasheet HTML 5Page - Linear Technology LTC2602 Datasheet HTML 6Page - Linear Technology LTC2602 Datasheet HTML 7Page - Linear Technology LTC2602 Datasheet HTML 8Page - Linear Technology LTC2602 Datasheet HTML 9Page - Linear Technology LTC2602 Datasheet HTML 10Page - Linear Technology LTC2602 Datasheet HTML 11Page - Linear Technology LTC2602 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC2602/LTC2612/LTC2622
2602fa
1V/DIV
0
–50
–40
–30
–20
–10
0
1
23
4
2602 G35
56
VCC = 5.5V
VREF = 5.6V
CODE = FULL SCALE
VOUT SWEPT VCC TO 0V
1V/DIV
0
0
10
20
30
40
50
1
23
4
2602 G34
56
VCC = 5.5V
VREF = 5.6V
CODE = 0
VOUT SWEPT 0V TO VCC
(LTC2602/LTC2612/LTC2622)
TYPICAL PERFOR A CE CHARACTERISTICS
Output Voltage Noise,
0.1Hz to 10Hz
Short-Circuit Output Current vs
VOUT (Sinking)
Short-Circuit Output Current vs
VOUT (Sourcing)
VOUT
10
µV/DIV
SECONDS
0123456789
10
2602 G17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com