Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2602 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2602
Description  Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 8Page - Linear Technology LTC2602 Datasheet HTML 9Page - Linear Technology LTC2602 Datasheet HTML 10Page - Linear Technology LTC2602 Datasheet HTML 11Page - Linear Technology LTC2602 Datasheet HTML 12Page - Linear Technology LTC2602 Datasheet HTML 13Page - Linear Technology LTC2602 Datasheet HTML 14Page - Linear Technology LTC2602 Datasheet HTML 15Page - Linear Technology LTC2602 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC2602/LTC2612/LTC2622
2602fa
PART NUMBER
DESCRIPTION
COMMENTS
LTC1458/LTC1458L
Quad 12-Bit Rail-to-Rail Output DACs with Added Functionality
LTC1458: VCC = 4.5V to 5.5V, VOUT = 0V to 4.096V
LTC1458L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1654
Dual 14-Bit Rail-to-Rail VOUT DAC
Programmable Speed/Power, 3.5
µs/750µA, 8µs/450µA
LTC1655/LTC1655L
Single 16-Bit VOUT DAC with Serial Interface in SO-8
VCC = 5V(3V), Low Power, Deglitched
LTC1657/LTC1657L
Parrallel 5V/3V 16-Bit VOUT DAC
Low Power, Deglitched, Rail-to-Rail VOUT
LTC1660/LTC1665
Octal 10/8-Bit VOUT DAC in 16-Pin Narrow SSOP
VCC = 2.7V to 5.5V, Micropower, Rail-to-Rail Output
LTC1661
Dual 10-Bit VOUT DAC in 8-Lead MSOP Package
VCC = 2.7V to 5.5V, 60µA per DAC, Rail-to-Rail Output
LTC1821
Parallel 16-Bit Voltage Output DAC
Precision 16-Bit Settling in 2
µs for 10V Step
LTC2600/LTC2610/
Octal 16/14/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
250
µA per DAC, 2.5V to 5.5V Supply Range
LTC2620
Rail-to-Rail Output
©LINEAR TECHNOLOGY CORPORATION 2003
RD/LT 1205 REV A • PRINTED IN THE USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com