Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2908 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2908
Description  Precision Six Input Supply Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2908 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2908 Datasheet HTML 9Page - Linear Technology LTC2908 Datasheet HTML 10Page - Linear Technology LTC2908 Datasheet HTML 11Page - Linear Technology LTC2908 Datasheet HTML 12Page - Linear Technology LTC2908 Datasheet HTML 13Page - Linear Technology LTC2908 Datasheet HTML 14Page - Linear Technology LTC2908 Datasheet HTML 15Page - Linear Technology LTC2908 Datasheet HTML 16Page - Linear Technology LTC2908 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTC2908
13
2908fd
APPLICATIONS INFORMATION
RST Output Characteristics
The DC characteristics of the RST pull-up and pull-down
strength are shown in the Typical Performance Character-
istics section. The RST output has a weak internal pull-up
to VCC = Max(V1, V2) and a strong pull-down to ground.
The weak pull-up and strong pull-down arrangement allows
this pin to have open-drain behavior while possessing
several other beneficial characteristics.
The weak pull-up eliminates the need for external pull-up
resistors when the rise time on these pins is not critical.
On the other hand, the open-drain RST behavior allows for
wired-OR connections and can be useful when more than
one signal needs to pull down on the RST line.
As noted in the discussion of power-up and power-down,
the circuits that drive RST are powered by VCC. During
a fault condition, a VCC of at least 0.5V guarantees a
maximum VOL = 0.15V at RST.
Output Rise and Fall Time Estimation
The following formula estimates the output fall time (90% to
10%) for a particular external load capacitance (CLOAD):
tFALL ≈ 2.2 • RPD • CLOAD
where RPD is the on-resistance of the internal pull-
down transistor estimated to be typically 40Ω at room
temperature (25°C) and CLOAD is the external load
capacitance on the pin. Assuming a 150pF load capacitance,
the fall time is about 13ns.
The rise time on the RST pin is limited by a weak internal
pull-up current source to VCC. The following formula esti-
mates the output rise time (10% to 90%) at the RST pin:
tRISE ≈ 2.2 • RPU • CLOAD
where RPU is the on-resistance of the pull-up transis-
tor. Notice that this pull-up transistor is modeled as a
6μA current source in the Block Diagram as a typical
representation.
The on-resistance as a function of the VCC = Max(V1, V2)
voltage (for VCC > 1V) at room temperature is estimated
as follows:
R
PU =
6• 10
5
MAX V1,V2
() –1V
Ω
At VCC = 3.3V, RPU is about 260k. Using 150pF for load
capacitance, the rise time is 86μs. A smaller external
pull-up resistor may be used if the output needs to pull
up faster and/or to a higher voltage. For example, the rise
time reduces to 3.3μs for a 150pF load capacitance when
using a 10k pull-up resistor.
TYPICAL APPLICATIONS
Six Supply Monitor, 5% Tolerance, 12V, 5V, 3.3V, 2.5V, 1.8V, 1V
RST
R1
2.15M
C1
0.1μF
C2
0.1μF
V1
V2 V3 V4
GND
LTC2908-A1
VADJ1
12V
5V
3.3V
2.5V
1.8V
1.0V
2908 TA02
R2
100k
DC/DC
DC/DC
DC/DC
DC/DC
DC/DC
SYSTEM
R3
86.6k
VADJ2
R4
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com