Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2908 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2908
Description  Precision Six Input Supply Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2908 Datasheet(HTML) 2 Page - Linear Technology

  LTC2908 Datasheet HTML 1Page - Linear Technology LTC2908 Datasheet HTML 2Page - Linear Technology LTC2908 Datasheet HTML 3Page - Linear Technology LTC2908 Datasheet HTML 4Page - Linear Technology LTC2908 Datasheet HTML 5Page - Linear Technology LTC2908 Datasheet HTML 6Page - Linear Technology LTC2908 Datasheet HTML 7Page - Linear Technology LTC2908 Datasheet HTML 8Page - Linear Technology LTC2908 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC2908
2
2908fd
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Terminal Voltages
V1, V2, V3, V4 .........................................– 0.3V to 7V
VADJ1, VADJ2, VADJ3, ..................–0.3V to (VCC + 0.6V)
VADJ4, VADJ5 .............................–0.3V to (VCC + 0.6V)
RST.......................................................... –0.3V to 7V
Operating Temperature Range
LTC2908C ................................................ 0°C to 70°C
LTC2908I..............................................–40°C to 85°C
(Notes 1, 2)
Storage Temperature Range
DFN Package......................................–65°C to 125°C
TSOT-23 Package...............................–65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
LTC2908CDDB-A1
LTC2908IDDB-A1
LTC2908CDDB-B1
LTC2908IDDB-B1
TOP VIEW
9
DDB8 PACKAGE
8-LEAD (3mm × 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
GND
RST
V4
V2
VADJ2
V3
VADJ1
V1
LTC2908CDDB-C1
LTC2908IDDB-C1
TOP VIEW
9
DDB8 PACKAGE
8-LEAD (3mm × 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
GND
RST
VADJ5
V1
VADJ4
VADJ3
VADJ2
VADJ1
LTC2908CTS8-A1
LTC2908ITS8-A1
LTC2908CTS8-B1
LTC2908ITS8-B1
V2 1
V4 2
RST 3
GND 4
8V1
7 VADJ1
6V3
5 VADJ2
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
LTC2908CTS8-C1
LTC2908ITS8-C1
V1 1
VADJ5 2
RST 3
GND 4
8VADJ1
7 VADJ2
6VADJ3
5 VADJ4
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 125°C, θJA = 76°C/W
EXPOSED PAD (PIN 9)
(PCB CONNECTION OPTIONAL)
TJMAX = 125°C, θJA = 76°C/W
EXPOSED PAD (PIN 9)
(PCB CONNECTION OPTIONAL)
TJMAX = 125°C, θJA = 250°C/W
TJMAX = 125°C, θJA = 250°C/W
ORDER INFORMATION
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2908CDDB-A1#TRMPBF
LTC2908CDDB-A1#TRPBF
LBFD
8-LEAD (3mm × 2mm) PLASTIC DFN
0°C to 70°C
LTC2908IDDB-A1#TRMPBF
LTC2908IDDB-A1#TRPBF
LBFF
8-LEAD (3mm × 2mm) PLASTIC DFN
–40°C to 85°C
LTC2908CDDB-B1#TRMPBF
LTC2908CDDB-B1#TRPBF
LBFG
8-LEAD (3mm × 2mm) PLASTIC DFN
0°C to 70°C
LTC2908IDDB-B1#TRMPBF
LTC2908IDDB-B1#TRPBF
LBFH
8-LEAD (3mm × 2mm) PLASTIC DFN
–40°C to 85°C
LTC2908CDDB-C1#TRMPBF
LTC2908CDDB-C1#TRPBF
LCFV
8-LEAD (3mm × 2mm) PLASTIC DFN
0°C to 70°C
LTC2908IDDB-C1#TRMPBF
LTC2908IDDB-C1#TRPBF
LCFV
8-LEAD (3mm × 2mm) PLASTIC DFN
–40°C to 85°C
LTC2908CTS8-A1#TRMPBF
LTC2908CTS8-A1#TRPBF
LTBFJ
8-LEAD PLASTIC TSOT-23
0°C to 70°C
LTC2908ITS8-A1#TRMPBF
LTC2908ITS8-A1#TRPBF
LTBFK
8-LEAD PLASTIC TSOT-23
–40°C to 85°C
LTC2908CTS8-B1#TRMPBF
LTC2908CTS8-B1#TRPBF
LTBFM
8-LEAD PLASTIC TSOT-23
0°C to 70°C
LTC2908ITS8-B1#TRMPBF
LTC2908ITS8-B1#TRPBF
LTBFN
8-LEAD PLASTIC TSOT-23
–40°C to 85°C
LTC2908CTS8-C1#TRMPBF
LTC2908CTS8-C1#TRPBF
LTCFT
8-LEAD PLASTIC TSOT-23
0°C to 70°C
LTC2908ITS8-C1#TRMPBF
LTC2908ITS8-C1#TRPBF
LTCFT
8-LEAD PLASTIC TSOT-23
–40°C to 85°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com